Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1742-100 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1742-100
Description  Y2KC Nonvolatile Timekeeping RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1742-100 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1742-100 Datasheet HTML 1Page - Dallas Semiconductor DS1742-100 Datasheet HTML 2Page - Dallas Semiconductor DS1742-100 Datasheet HTML 3Page - Dallas Semiconductor DS1742-100 Datasheet HTML 4Page - Dallas Semiconductor DS1742-100 Datasheet HTML 5Page - Dallas Semiconductor DS1742-100 Datasheet HTML 6Page - Dallas Semiconductor DS1742-100 Datasheet HTML 7Page - Dallas Semiconductor DS1742-100 Datasheet HTML 8Page - Dallas Semiconductor DS1742-100 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DS1742
4 of 12
address inputs are changed while CE , and OE remain valid, output data will remain valid for output data
hold time (tOH) but will then go indeterminate until the next address access.
WRITING DATA TO RAM OR CLOCK
The DS1742 is in the write mode whenever WE , and CE are in their active state. The start of a write is
referenced to the latter occurring transition of WE , on CE . The addresses must be held valid throughout
the cycle. CE , or WE must return inactive for a minimum of tWR prior to the initiation of another read or
write cycle. Data in must be valid tDS prior to the end of write and remain valid for tDH afterward. In a
typical application, the OE signal will be high during a write cycle. However, OE can be active provided
that care is taken with the data bus to avoid bus contention. If OE is low prior to WE transitioning low
the data bus can become active with read data defined by the address inputs. A low transition on WE will
then disable the outputs tWEZ after WE goes active.
DATA RETENTION MODE
The 5-volt device is fully accessible and data can be written or read only when VCC is greater than VPF.
However, when VCC is below the power fail point, VPF, (point at which write protection occurs) the
internal clock registers and SRAM are blocked from any access. At this time the power fail reset output
signal ( RST ) is driven active and will remain active until VCC returns to nominal levels. When VCC falls
below the battery switch point VSO (battery supply level), device power is switched from the VCC pin to
the backup battery. RTC operation and SRAM data are maintained from the battery until VCC is returned
to nominal levels. The 3.3 volt device is fully accessible and data can be written or read only when VCC is
greater than VPF. When VCC falls below the power fail point, VPF, access to the device is inhibited. At this
time the power fail reset output signal ( RST ) is driven active and will remain active until VCC returns to
nominal levels. If VPF is less than Vso, the device power is switched from VCC to the backup supply (VBAT)
when VCC drops below VPF. If VPF is greater than Vso, the device power is switched from VCC to the
backup supply (VBAT) when VCC drops below Vso. RTC operation and SRAM data are maintained from
the battery until VCC is returned to nominal levels. The RST signal is an open drain output and requires a
pull up. Except for the RST , all control, data, and address signals must be powered down when VCC is
powered down.
BATTERY LONGEVITY
The DS1742 has a lithium power source that is designed to provide energy for clock activity, and clock
and RAM data retention when the VCC supply is not present. The capability of this internal power supply
is sufficient to power the DS1742 continuously for the life of the equipment in which it is installed. For
specification purposes, the life expectancy is 10 years at 25
°C with the internal clock oscillator running in
the absence of VCC power. Each DS1742 is shipped from Dallas Semiconductor with its lithium energy
source disconnected, guaranteeing full energy capacity. When VCC is first applied at a level greater than
VPF, the lithium energy source is enabled for battery backup operation. Actual life expectancy of the
DS1742 will be much longer than 10 years since no lithium battery energy is consumed when VCC is
present.
BATTERY MONITOR
The DS1742 constantly monitors the battery voltage of the internal battery. The Battery Flag bit (bit 7) of
the day register is used to indicate the voltage level range of the battery. This bit is not writable and
should always be a 1 when read. If a 0 is ever present, an exhausted lithium energy source is indicated
and both the contents of the RTC and RAM are questionable.


Similar Part No. - DS1742-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1742-100 MAXIM-DS1742-100 Datasheet
476Kb / 16P
   Y2KC Nonvolatile Timekeeping RAMwww.
REV: 102808
DS1742-100++ MAXIM-DS1742-100+ Datasheet
476Kb / 16P
   Y2KC Nonvolatile Timekeeping RAMwww.
REV: 102808
DS1742-100++ MAXIM-DS1742-100+ Datasheet
365Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
19-6715; Rev 6/13
DS1742-100IND MAXIM-DS1742-100IND Datasheet
476Kb / 16P
   Y2KC Nonvolatile Timekeeping RAMwww.
REV: 102808
DS1742-100IND++ MAXIM-DS1742-100IND+ Datasheet
476Kb / 16P
   Y2KC Nonvolatile Timekeeping RAMwww.
REV: 102808
More results

Similar Description - DS1742-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1743 DALLAS-DS1743 Datasheet
247Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
DS1746 DALLAS-DS1746 Datasheet
224Kb / 18P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742_V01 Datasheet
365Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
19-6715; Rev 6/13
logo
ARTSCHIP ELECTRONICS CO...
DS1743 ARTSCHIP-DS1743 Datasheet
497Kb / 15P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742 Datasheet
476Kb / 16P
   Y2KC Nonvolatile Timekeeping RAMwww.
REV: 102808
logo
Dallas Semiconductor
DS1557 DALLAS-DS1557 Datasheet
268Kb / 19P
   4MEG NV Y2KC Timekeeping RAM
DS1554 DALLAS-DS1554 Datasheet
284Kb / 21P
   256K NV Y2KC Timekeeping RAM
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
   Nonvolatile Timekeeping RAM
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
   Nonvolatile Timekeeping RAM
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
   Nonvolatile Timekeeping RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com