Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GX-ML30A-U Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # GX-ML30A-U
Description  Cylindrical Inductive Proximity Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

GX-ML30A-U Datasheet(HTML) 2 Page - Panasonic Semiconductor

  GX-ML30A-U Datasheet HTML 1Page - Panasonic Semiconductor GX-ML30A-U Datasheet HTML 2Page - Panasonic Semiconductor GX-ML30A-U Datasheet HTML 3Page - Panasonic Semiconductor GX-ML30A-U Datasheet HTML 4Page - Panasonic Semiconductor GX-ML30A-U Datasheet HTML 5Page - Panasonic Semiconductor GX-ML30A-U Datasheet HTML 6Page - Panasonic Semiconductor GX-ML30A-U Datasheet HTML 7Page - Panasonic Semiconductor GX-ML30A-U Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
M12 plug-in connector type is also available.
When ordering this type, “
-Z” for the M12 plug-in connector type to the model No.
(e.g.) M12 plug-in connector type of
GX-M8A-P is “GX-M8A-P-Z”.
M12 pigtailed type is also available.
When ordering this type, “
-J” for the M12 pigtailed type to the model No.
(e.g.) M12 pigtailed type of
GX-M8A-U is “GX-M8A-U-J”.
M12 plug-in connector type (except for GX-M8□-U and GX-ML8□-U)
M12 pigtailed type (for GX-M8□-U and GX-ML8□-U only)
Notes: 1) It is the value in state where the circumference of a detection side has a metal object.
2) The maximum operation distance stands for the maximum distance for which the sensor can detect the standard sensing object.
The stable sensing range stands for the sensing range for which the sensor can stably detect the standard sensing object even if there is an ambient
temperature drift and/or supply voltage fluctuation.
ORDER GUIDE
Type
Appearance
Sensing range (Note 1,2)
Model No.
Output operation
Max. operation distance: 1.5 mm 0.06 in
(Stable sensing range 0 to 1.2 mm 0.05 in)
GX-M8A-U
Normally open
GX-M8B-U
Normally closed
Max. operation distance: 2 mm 0.08 in
(Stable sensing range 0 to 1.6 mm 0.06 in)
GX-M12A-U
Normally open
GX-M12B-U
Normally closed
Max. operation distance: 5 mm 0.20 in
(Stable sensing range 0 to 4 mm 0.16 in)
GX-M18A-U
Normally open
GX-M18B-U
Normally closed
Max. operation distance: 10 mm 0.39 in
(Stable sensing range 0 to 8 mm 0.32 in)
GX-M30A-U
Normally open
GX-M30B-U
Normally closed
Max. operation distance: 2.5 mm 0.10 in
(Stable sensing range 0 to 2 mm 0.08 in)
GX-ML8A-U
Normally open
GX-ML8B-U
Normally closed
Max. operation distance: 4 mm 0.16 in
(Stable sensing range 0 to 3.2 mm 0.13 in)
GX-ML12A-U
Normally open
GX-ML12B-U
Normally closed
Max. operation distance: 8 mm 0.32 in
(Stable sensing range 0 to 6.4 mm 0.25 in)
GX-ML18A-U
Normally open
GX-ML18B-U
Normally closed
Max. operation distance: 15 mm 0.59 in
(Stable sensing range 0 to 12 mm 0.47 in)
GX-ML30A-U
Normally open
GX-ML30B-U
Normally closed
Cylindrical Inductive Proximity Sensor
GX-M SERIES
DC 2-wire type (2 m cable length type)
Ex.)
GX-M12□-U
Mating cable
• Straight type
• Elbow type
Mating cable (2 cables are required for the thru-beam type.)
Type
Model No.
Description
Straight
CN-24C-C2
Length: 2 m 6.56 ft
Clamping ring :
ø14mm 0.55 in
Cable outer :
ø5.3mm 0.21 in
CN-24C-C5
Length: 5 m 16.40 ft
Elbow
CN-24CL-C2 Length: 2 m 6.56 ft
CN-24CL-C5 Length: 5 m 16.40 ft
8


Similar Part No. - GX-ML30A-U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
GX-MD OMRON-GX-MD Datasheet
5Mb / 48P
   EtherCAT??Remote I/O Terminals
More results

Similar Description - GX-ML30A-U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
GX-3S PANASONIC-GX-3S Datasheet
702Kb / 10P
   Cylindrical Compact Inductive Proximity Sensor GX SERIES
logo
List of Unclassifed Man...
GX-5SU ETC2-GX-5SU Datasheet
803Kb / 16P
   Cylindrical Inductive Proximity Sensor Amplifier Built-in
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com