Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GX-ML8B-U Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # GX-ML8B-U
Description  Cylindrical Inductive Proximity Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

GX-ML8B-U Datasheet(HTML) 4 Page - Panasonic Semiconductor

  GX-ML8B-U Datasheet HTML 1Page - Panasonic Semiconductor GX-ML8B-U Datasheet HTML 2Page - Panasonic Semiconductor GX-ML8B-U Datasheet HTML 3Page - Panasonic Semiconductor GX-ML8B-U Datasheet HTML 4Page - Panasonic Semiconductor GX-ML8B-U Datasheet HTML 5Page - Panasonic Semiconductor GX-ML8B-U Datasheet HTML 6Page - Panasonic Semiconductor GX-ML8B-U Datasheet HTML 7Page - Panasonic Semiconductor GX-ML8B-U Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DC 2-wire type
Type
Standard type
Long range type
Normally open GX-M8A-U(-J) GX-M12A-U(-Z) GX-M18A-U(-Z) GX-M30A-U(-Z) GX-ML8A-U(-J) GX-ML12A-U(-Z) GX-ML18A-U(-Z) GX-ML30A-U(-Z)
Item
Normally closed GX-M8B-U(-J) GX-M12B-U(-Z) GX-M18B-U(-Z) GX-M30B-U(-Z) GX-ML8B-U(-J) GX-ML12B-U(-Z) GX-ML18B-U(-Z) GX-ML30B-U(-Z)
Max. operation distance (Note 2,3) 1.5 mm 0.06 in ±10 % 2 mm 0.08 in ±10 % 5 mm 0.20 in ±10 % 10 mm 0.39 in ±10 % 2.5 mm 0.10 in ±10 % 4 mm 0.16 in ±10 % 8 mm 0.32 in ±10 % 15 mm 0.59 in ±10 %
Stable sensing range (Note 2,3)
0 to 1.2 mm
0 to 0.05 in
0 to 1.6 mm
0 to 0.06 in
0 to 4 mm
0 to 0.09 in
0 to 8 mm
0 to 0.22 in
0 to 2 mm
0 to 0.08 in
0 to 3.2 mm
0 to 0.13 in
0 to 6.4 mm
0 to 0.25 in
0 to 12 mm
0 to 0.47 in
Standard sensing object
Iron sheet 8 × 8 × t 1 mm
0.32 × 0.32 × t 0.04 in
Iron sheet 12 × 12 × t 1 mm
0.47 × 0.47 × t 0.04 in
Iron sheet 18 × 18 × t 1mm
0.71 × 0.71 × t 0.04 in
Iron sheet 30 × 30 × t 1 mm
1.18 × 1.18 × t 0.04 in
Iron sheet 8 × 8 × t 1 mm
0.32 × 0.32 × t 0.04 in
Iron sheet 12 × 12 × t 1 mm
0.47 × 0.47 × t 0.04 in
Iron sheet 18 × 18 × t 1 mm
0.71 × 0.71 × t 0.04 in
Iron sheet 30 × 30 × t 1 mm
1.18 × 1.18 × t 0.04 in
Hysteresis (Note 2)
15 % or less of operation distance (with standard sensing object)
Repeatability (Note 2)
Along sensing axis: 5 % or less of operation distance
Supply voltage
12 to 24 V DC ±10 % Ripple P-P 10 % or less
Current consumption (Note 4)
0.5 mA or less
Output
Non-contact DC 2-wire type
• Load current: 1.5 to 100 mA
• Residual voltage: 4.2 V or less (Note 5)
Utilization category
DC-12 or DC-13
Short-circuit protection
Incorporated
Max. response frequency
1 kHz
1 kHz
1.2 kHz
1.3 kHz
1.1 kHz
1.3 kHz
1.5 kHz
0.8 kHz
Operation indicator
Yellow LED (lights up when the output is ON)
Pollution degree
3 (Industrial environment)
Protection
IP67 (IEC)
IP69K (DIN), IP68 (IEC) (2 m cable length type only) , IP67 (IEC) (M12 plug-in connector type only)
Ambient temperature
–25 to +70 °C –13 to +158 °F, Storage: –40 to +85 °C –40 to +185 °F
Ambient humidity
50 % RH or less (at +70 °C +158 °F)
EMC
EN 60947-5-2
Voltage withstandability
500 V AC for one min. between all supply terminals connected together and enclosure
Vibration resistance
10 to 55 Hz frequency, 0.5 mm 0.02 in amplitude in X, Y and Z directions for 1.5 hours each
Shock resistance
294 m/s2 acceleration (30 G approx.) in X, Y and Z directions for three times each
Sensing range variation
(Note 2)
Within ±10 % fluctuation of sensing range at +23 °C +73 °F and rated voltage in the range of
allowable temperature and supply voltage
Material
Enclosure: Brass (Nickel plated), Sensing part: PPS
Cable (except for M12 plug-in connector type)
0.44 mm2 [0.15 mm2 for
GX-M(L)8□-U] 2-core cabtyre cable, 2 m 6.56 ft long
Cable extension
Extension up to total 10 m 32.80 ft is possible with 0.34 mm2, or more, cable.
Net weight
(Note 6)
2 m cable length type
40 g approx.
70 g approx.
90 g approx. 150 g approx. 40 g approx.
70 g approx.
90 g approx. 150 g approx.
M12 pigtailed(-J type) /
M12 plug-in connector type
20 g approx.
20 g approx.
45 g approx. 110 g approx. 20 g approx.
20 g approx.
45 g approx. 110 g approx.
Accessories
Nut: 2 pcs.
Notes: 1) Where measurement conditions have not been specified precisely, the conditions used were an ambient temperature of +23 °C +73.4 °F.
2) It is the value in state where the circumference of a detection side has a metal object.
3) The maximum operation distance stands for the maximum distance for which the sensor can detect the standard sensing object.
The stable sensing range stands for the sensing range for which the sensor can stably detect the standard sensing object even if there is an ambient
temperature drift and/or supply voltage fluctuation.
4) It is the leakage current when the output is in the OFF state.
5) When the cable is extended, the residual voltage becomes larger.
6) The weight includes the weight of two nuts.
SPECIFICATIONS
Cylindrical Inductive Proximity Sensor
GX-M SERIES
10


Similar Part No. - GX-ML8B-U

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
GX-MD OMRON-GX-MD Datasheet
5Mb / 48P
   EtherCAT??Remote I/O Terminals
More results

Similar Description - GX-ML8B-U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
GX-3S PANASONIC-GX-3S Datasheet
702Kb / 10P
   Cylindrical Compact Inductive Proximity Sensor GX SERIES
logo
List of Unclassifed Man...
GX-5SU ETC2-GX-5SU Datasheet
803Kb / 16P
   Cylindrical Inductive Proximity Sensor Amplifier Built-in
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com