Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF10AG Datasheet(PDF) 1 Page - ON Semiconductor

Part # SMF10AG
Description  200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMF10AG Datasheet(HTML) 1 Page - ON Semiconductor

  SMF10AG Datasheet HTML 1Page - ON Semiconductor SMF10AG Datasheet HTML 2Page - ON Semiconductor SMF10AG Datasheet HTML 3Page - ON Semiconductor SMF10AG Datasheet HTML 4Page - ON Semiconductor SMF10AG Datasheet HTML 5Page - ON Semiconductor SMF10AG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 7
1
Publication Order Number:
SMF5.0AT1/D
SMF5.0AT1G Series,
SZSMF5.0AT1G Series
200 W Transient
Voltage Suppressor
SOD-123 Flat Lead Package
The SMF5.0AT1G Series is designed to protect voltage sensitive
components from high voltage, high energy transients. Excellent
clamping capability, high surge capability, low zener impedance and
fast response time. Because of its small size, it is ideal for use in
cellular phones, portable devices, business machines, power supplies
and many other industrial/consumer applications.
Features
Stand−off Voltage: 5 − 58 Volts
Peak Power − 200 Watts @ 1 ms (SMF5.0A − SMF58A)
Low Leakage
Response Time is Typically < 1 ns
ESD Rating of Class 3 (> 16 kV) per Human Body Model
ESD Rating of Level 4 (8 kV Contact Discharge) per IEC61000−4−2
EFT (Electrical Fast Transients) Rating of 40 A per IEC61000−4−4
Low Profile − Maximum Height of 1.0 mm
Small Footprint − Footprint Area of 8.45 mm2
Supplied in 8 mm Tape and Reel − 3,000 Units per Reel
Cathode Indicated by Polarity Band
Lead Orientation in Tape: Cathode Lead to Sprocket Holes
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free and are RoHS Compliant*
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94 V−0
LEAD FINISH:
100% Matte Sn (Tin)
MOUNTING POSITION:
Any
QUALIFIED MAX REFLOW TEMPERATURE:
260
°C
Device Meets MSL 1 Requirements
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
PLASTIC SURFACE MOUNT
ZENER OVERVOLTAGE
TRANSIENT SUPPRESSOR
5 − 58 VOLTS
200 WATT PEAK POWER
Device
Package
Shipping
ORDERING INFORMATION
12
1: CATHODE
2: ANODE
http://onsemi.com
SOD−123FL
CASE 498
MARKING DIAGRAM
1
CATHODE
2
ANODE
See specific marking information in the device marking
column of the Electrical Characteristics table on page 3 of
this data sheet.
DEVICE MARKING INFORMATION
SMFxxxAT1G
SOD−123FL
(Pb−Free)
3,000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
xx
= Device Code (Refer to page 3)
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
xx M G
G
SZSMFxxxAT1G
SOD−123FL
(Pb−Free)
3,000 /
Tape & Reel


Similar Part No. - SMF10AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF10AG ONSEMI-SMF10AG Datasheet
69Kb / 6P
   Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
SMF10AG ONSEMI-SMF10AG Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF10AG ONSEMI-SMF10AG Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF10AG ONSEMI-SMF10AG Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF10AG ONSEMI-SMF10AG Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results

Similar Description - SMF10AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF33AT1G ONSEMI-SMF33AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF36AT1G ONSEMI-SMF36AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF9.0AT1G ONSEMI-SMF9.0AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF60AT1G ONSEMI-SMF60AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF30AT1G ONSEMI-SMF30AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF18AT1G ONSEMI-SMF18AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF15AT1G ONSEMI-SMF15AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
129Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF24AT1G ONSEMI-SMF24AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF10AT1G ONSEMI-SMF10AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com