Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHLP-14V-S-B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SHLP-14V-S-B
Description  1.0mm pitch/Disconnectable Crimp style connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHLP-14V-S-B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SHLP-14V-S-B Datasheet HTML 1Page - List of Unclassifed Manufacturers SHLP-14V-S-B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SHL CONNECTOR
1
1.15
1.75
A
B
Marking by
every 5 circuit
Circuit No.1
mark
A
B
Material
1.0
4.0
5.0
6.0
7.0
9.0
10.0
11.0
13.0
15.0
19.0
21.0
25.0
29.0
4.6
7.6
8.6
9.6
10.6
12.6
13.6
14.6
16.6
18.6
22.6
24.6
28.6
32.6
6,000
3,000
3,000
3,000
3,000
2,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
2
5
6
7
8
10
11
12
14
16
20
22
26
30
SHLP-02V-S-B
SHLP-05V-S-B
SHLP-06V-S-B
SHLP-07V-S-B
SHLP-08V-S-B
SHLP-10V-S-B
SHLP-11V-S-B
SHLP-12V-S-B
SHLP-14V-S-B
SHLP-16V-S-B
SHLP-20V-S-B
SHLP-22V-S-B
SHLP-26V-S-B
SHLP-30V-S-B
PBT, UL94V-0, natural (white)
Circuits
Model No.
Dimensions (mm)
With protrusions
Q'ty /
box
4.3
0.7
B
A
1
Circuit No.1
4.3
1.2
B
A
1
Circuit No.1
Normal type
Offset type
Material and Finish
Contact: Phosphor bronze, copper-undercoated, tin-plated (reflow treatment)
Housing:
PA, UL94V-0, natural (ivory)
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)
2
5
6
7
8
10
11
12
14
16
20
22
26
30
SM02B-SHLS-TF
SM05B-SHLS-TF
SM06B-SHLS-TF
SM07B-SHLS-TF
SM08B-SHLS-TF
SM10B-SHLS-TF
SM11B-SHLS-TF
SM12B-SHLS-TF
SM14B-SHLS-TF
SM16B-SHLS-TF
SM20B-SHLS-TF
SM22B-SHLS-TF
SM26B-SHLS-TF
SM30B-SHLS-TF
1.0
4.0
5.0
6.0
7.0
9.0
10.0
11.0
13.0
15.0
19.0
21.0
25.0
29.0
4.8
7.8
8.8
9.8
10.8
12.8
13.8
14.8
16.8
18.8
22.8
24.8
28.8
32.8
4,500
4,500
4,500
4,500
4,500
4,500
4,500
4,500
4,500
4,500
4,500
4,500
4,500
4,500
AB
Circuits
Q'ty /
reel
Insulation O.D. (mm)
Model No.
Normal type
Normal type
SM08B-SHLS-1-TF
SM14B-SHLS-1-TF
SM20B-SHLS-1-TF
7.0
13.0
19.0
12.0
18.0
24.0
Offset type
Offset type
AB
Housing
RoHS compliance
Shrouded header
RoHS compliance This product displays (LF)(SN) on a label.
Note: Contact JST for the headers with gold-plated pins.


Similar Part No. - SHLP-14V-S-B

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
SHL MERITEK-SHL Datasheet
737Kb / 4P
   Load Life : 105C 1000 hours
logo
Omron Electronics LLC
SHL OMRON-SHL Datasheet
1Mb / 8P
   Enclosed Switch
SHL-D55 OMRON-SHL-D55 Datasheet
871Kb / 8P
   Compact, General-purpose Horizontal Switches
SHL-D55 OMRON-SHL-D55 Datasheet
1Mb / 8P
   Enclosed Switch
SHL-D55-01 OMRON-SHL-D55-01 Datasheet
1Mb / 8P
   Enclosed Switch
More results

Similar Description - SHLP-14V-S-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHDR-30V-S-B ETC2-SHDR-30V-S-B Datasheet
169Kb / 3P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
Newhaven Display Intern...
SM02B-SRSS-TB NEWHAVEN-SM02B-SRSS-TB Datasheet
151Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
Lightel Technologies IN...
BM05B-SRSS-TBLFSN LIGHTEL-BM05B-SRSS-TBLFSN Datasheet
151Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SHR-02V-S-B ETC2-SHR-02V-S-B Datasheet
161Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com