Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1706P Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1706P
Description  3.3 and 5.0 Volt MicroMonitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1706P Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1706P Datasheet HTML 1Page - Dallas Semiconductor DS1706P Datasheet HTML 2Page - Dallas Semiconductor DS1706P Datasheet HTML 3Page - Dallas Semiconductor DS1706P Datasheet HTML 4Page - Dallas Semiconductor DS1706P Datasheet HTML 5Page - Dallas Semiconductor DS1706P Datasheet HTML 6Page - Dallas Semiconductor DS1706P Datasheet HTML 7Page - Dallas Semiconductor DS1706P Datasheet HTML 8Page - Dallas Semiconductor DS1706P Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ECopyright 1995 by Dallas Semiconductor Corporation.
All Rights Reserved. For important information regarding
patents and other intellectual property rights, please refer to
Dallas Semiconductor data books.
DS1705/DS1706
3.3 and 5.0 Volt MicroMonitor
DSDS1705/DS1706
011296 1/10
FEATURES
Halts and restarts an out–of–control microprocessor
Holds microprocessor in check during power tran-
sients
Automatically restarts microprocessor after power
failure
Monitors pushbutton for external override
Accurate 5%, 10% or 20% resets for 3.3 systems and
5% or 10% resets for 5.0 volt systems
Eliminates the need for discrete components
3.3 volt 20% tolerance for use with 3.0 volt systems
Pin compatible with the MAXIM MAX705/MAX706 in
8–pin DIP and 8–pin SOIC
8–pin DIP, 8–pin SOIC and 8–pin µ–SOP packages
Industrial temperature range –40°C to +85°C
PIN ASSIGNMENT
WDS
RST (*RST)
ST
NMI
1
2
3
4
PBRST
VCC
GND
IN
8
7
6
5
8
7
6
5
1
2
3
4
PBRST
VCC
GND
IN
WDS
RST (*RST)
ST
NMI
8–PIN DIP
(300 MIL)
8–PIN SOIC
(150 MIL)
1
2
3
4
8
7
6
5
PBRST
VCC
GND
IN
WDS
RST
ST
NMI
8–PIN
µ–SOP
(118 MIL)
See Mech. Drawings
Section
DS1705 and DS1706_/R/S/T (*DS1706L and DS1706P)
PIN DESCRIPTION
PBRST
– Pushbutton Reset Input
VCC
– Power Supply
GND
– Ground
IN
– Input
NMI
– Non–maskable Interrupt
ST
– Strobe Input
RST
– Active Low Reset Output
*RST
– Active High Reset Output
(DS1706P and DS1706L only)
WDS
– Watchdog Status Output
DESCRIPTION
The DS1705/DS1706 3.3 or 5.0 Volt MicroMonitor moni-
tors three vital conditions for a microprocessor: power
supply, software execution, and external override. A
precision temperature compensated reference and
comparator circuit monitors the status of VCC at the
device and at an upstream point for maximum protec-
tion. When the sense input detects an out–of–tolerance
condition a non–maskable interrupt is generated. As
the voltage at the device degrades an internal power fail
signal is generated which forces the reset to an active
state. When VCC returns to an in–tolerance condition,
the reset signal is kept in the active state for a minimum
of 130 ms to allow the power supply and processor to
stabilize.


Similar Part No. - DS1706P

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1706PEPA MAXIM-DS1706PEPA Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
DS1706PEPA MAXIM-DS1706PEPA Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
DS1706PESA MAXIM-DS1706PESA Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
DS1706PESA MAXIM-DS1706PESA Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
DS1706PEUA MAXIM-DS1706PEUA Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
More results

Similar Description - DS1706P

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1707 MAXIM-DS1707 Datasheet
182Kb / 10P
   3.3 and 5.0-Volt MicroMonitor
041305
logo
Dallas Semiconductor
DS1707 DALLAS-DS1707 Datasheet
67Kb / 9P
   3.3 and 5.0 Volt MicroMonitor?
logo
Maxim Integrated Produc...
DS1707ESA MAXIM-DS1707ESA Datasheet
182Kb / 10P
   3.3 and 5.0-Volt MicroMonitor
041305
DS1832 MAXIM-DS1832 Datasheet
116Kb / 7P
   3.3-Volt MicroMonitor Chip
112099
DS1832S MAXIM-DS1832S Datasheet
116Kb / 7P
   3.3-Volt MicroMonitor Chip
112099
logo
Vectron International, ...
VCB1 VECTRON-VCB1_06 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
logo
Raltron Electronics Cor...
VC-VE7850A-LZ-100-FREQ-EL RALTRON-VC-VE7850A-LZ-100-FREQ-EL Datasheet
23Kb / 1P
   3.3 & 5.0 VOLT - DIP 14
logo
Vectron International, ...
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M125 VECTRON-CCFCCA-25M125 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCE1 VECTRON-VCE1 Datasheet
109Kb / 5P
   3.3, 5.0 volt CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com