Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8536AG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS8536AG
Description  Low Skew, 1-to-6, Crystal LVCMOS Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8536AG Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS8536AG Datasheet HTML 1Page - Integrated Device Technology ICS8536AG Datasheet HTML 2Page - Integrated Device Technology ICS8536AG Datasheet HTML 3Page - Integrated Device Technology ICS8536AG Datasheet HTML 4Page - Integrated Device Technology ICS8536AG Datasheet HTML 5Page - Integrated Device Technology ICS8536AG Datasheet HTML 6Page - Integrated Device Technology ICS8536AG Datasheet HTML 7Page - Integrated Device Technology ICS8536AG Datasheet HTML 8Page - Integrated Device Technology ICS8536AG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ICS8536-01 Data Sheet
CRYSTAL/LVCMOS/DIFFERENTIAL-TO-LVPECL FANOUT BUFFER
ICS8536AG-01 REVISION B AUGUST 17, 2012
3
©2012 Integrated Device Technology, Inc.
TABLE 3A. CONTROL INPUT FUNCTION TABLE
s
t
u
p
n
Is
t
u
p
t
u
O
N
E
_
K
L
C1
L
E
S
_
K
L
C0
L
E
S
_
K
L
Ce
c
r
u
o
S
d
e
t
c
e
l
e
S5
Q
:
0
Q5
Q
n
:
0
Q
n
00
0
L
A
T
Xd
e
l
b
a
s
i
Dd
e
l
b
a
s
i
D
00
1
0
K
L
Cd
e
l
b
a
s
i
Dd
e
l
b
a
s
i
D
01
X
1
K
L
C
n
,
1
K
L
Cd
e
l
b
a
s
i
Dd
e
l
b
a
s
i
D
10
0
L
A
T
Xd
e
l
b
a
n
Ed
e
l
b
a
n
E
10
1
0
K
L
Cd
e
l
b
a
n
Ed
e
l
b
a
n
E
11
X
1
K
L
C
n
,
1
K
L
Cd
e
l
b
a
n
Ed
e
l
b
a
n
E
e
g
d
e
k
c
o
l
c
t
u
p
n
i
g
n
il
l
a
f
d
n
a
g
n
i
s
i
r
a
g
n
i
w
o
ll
o
f
d
e
l
b
a
n
e
r
o
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
t
u
o
k
c
o
l
c
e
h
t
,
s
e
h
c
t
i
w
s
N
E
_
K
L
C
r
e
t
f
A
n
i
w
o
h
s
s
a
.
1
e
r
u
g
i
F
.
B
3
e
l
b
a
T
n
i
d
e
b
i
r
c
s
e
d
s
a
t
u
p
n
i
k
c
o
l
c
d
e
t
c
e
l
e
s
e
h
t
f
o
n
o
i
t
c
n
u
f
a
e
r
a
s
t
u
p
t
u
o
e
h
t
f
o
e
t
a
t
s
e
h
t
,
e
d
o
m
e
v
i
t
c
a
e
h
t
n
I
FIGURE 1. CLK_EN TIMING DIAGRAM
Enabled
Disabled
nCLK1
CLK_EN
nQ0:nQ5
Q0:Q5
CLK0, CLK1,
XTAL


Similar Part No. - ICS8536AG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8536AG-01LF RENESAS-ICS8536AG-01LF Datasheet
469Kb / 22P
   Low Skew, 1-to-6, Crystal/ LVCMOS/ Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
2019
ICS8536AG-01LFT RENESAS-ICS8536AG-01LFT Datasheet
469Kb / 22P
   Low Skew, 1-to-6, Crystal/ LVCMOS/ Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
2019
More results

Similar Description - ICS8536AG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8536-01 RENESAS-ICS8536-01 Datasheet
469Kb / 22P
   Low Skew, 1-to-6, Crystal/ LVCMOS/ Differential-to-3.3V, 2.5V LVPECL Fanout Buffer
2019
logo
Pericom Semiconductor C...
PI6C4911506-06 PERICOM-PI6C4911506-06 Datasheet
967Kb / 7P
   Low Skew, 1-To-6, Crystal/LVCMOS/Differential - 3.3V, 2.5V LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS8536-02 IDT-ICS8536-02 Datasheet
884Kb / 17P
   Low Skew, 1-to-6, Dual Crystal/LVCMOS-to-3.3V, 2.5V LVPECL Fanout Buffer
ICS8536I-33 IDT-ICS8536I-33 Datasheet
1Mb / 19P
   LOW SKEW, 1-TO-6, CRYSTAL OSCILLATOR/LVCMOSTO-3.3V, 2.5V LVPECL/LVCMOS FANOUT BUFFER
logo
Renesas Technology Corp
8536I-33 RENESAS-8536I-33 Datasheet
575Kb / 20P
   Low Skew, 1-to-6, Crystal Oscillator/LVCMOSTO-3.3V, 2.5V LVPECL/LVCMOS Fanout Buffer
7/10/15
logo
Pericom Semiconductor C...
PI6C48533-01 PERICOM-PI6C48533-01 Datasheet
409Kb / 7P
   3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
PI6C48533-01 PERICOM-PI6C48533-01_15 Datasheet
668Kb / 7P
   3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
PI6C48535-11 PERICOM-PI6C48535-11 Datasheet
286Kb / 5P
   3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS85314-01 ICST-ICS85314-01 Datasheet
112Kb / 15P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
ICS85314I-01 ICST-ICS85314I-01 Datasheet
252Kb / 19P
   LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com