Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GX-MK12A-P Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # GX-MK12A-P
Description  Cylindrical Inductive Proximity Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

GX-MK12A-P Datasheet(HTML) 1 Page - Panasonic Semiconductor

  GX-MK12A-P Datasheet HTML 1Page - Panasonic Semiconductor GX-MK12A-P Datasheet HTML 2Page - Panasonic Semiconductor GX-MK12A-P Datasheet HTML 3Page - Panasonic Semiconductor GX-MK12A-P Datasheet HTML 4Page - Panasonic Semiconductor GX-MK12A-P Datasheet HTML 5Page - Panasonic Semiconductor GX-MK12A-P Datasheet HTML 6Page - Panasonic Semiconductor GX-MK12A-P Datasheet HTML 7Page - Panasonic Semiconductor GX-MK12A-P Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
GX-M SERIES
• Wide product range
Types: DC 3-wire shielded type
DC 3-wire non-shielded type
DC 2-wire standard type
DC 2-wire long range type
Size: M8, M12, M18, M30
Connector: 2 m cable length type
M12 plug-in connector type
M12 pigtaild type (DC 2-wire
M8 type only)
• Strong resistance IP68 (GX-M8□: IP67)
Features
ORDER GUIDE
Type
Appearance
Sensing range (Note 1,2)
Model No.
Output
operation
NPN output
PNP output
Max. operation distance: 1.5 mm 0.06 in
(Stable sensing range 0 to 1.2 mm 0.05 in)
GX-M8A
GX-M8A-P
Normally open
GX-M8B
GX-M8B-P
Normally closed
Max. operation distance: 2 mm 0.08 in
(Stable sensing range 0 to 1.6 mm 0.06 in)
GX-M12A
GX-M12A-P
Normally open
GX-M12B
GX-M12B-P
Normally closed
Max. operation distance: 5 mm 0.20 in
(Stable sensing range 0 to 4 mm 0.16 in)
GX-M18A
GX-M18A-P
Normally open
GX-M18B
GX-M18B-P
Normally closed
Max. operation distance: 10 mm 0.39 in
(Stable sensing range 0 to 8 mm 0.32 in)
GX-M30A
GX-M30A-P
Normally open
GX-M30B
GX-M30B-P
Normally closed
Max. operation distance: 7 mm 0.28 in
(Stable sensing range 0 to 5.6 mm 0.22 in)
GX-MK12A
GX-MK12A-P
Normally open
GX-MK12B
GX-MK12B-P
Normally closed
Max. operation distance: 12 mm 0.47 in
(Stable sensing range 0 to 9.6 mm 0.38 in)
GX-MK18A
GX-MK18A-P
Normally open
GX-MK18B
GX-MK18B-P
Normally closed
Max. operation distance: 22 mm 0.87 in
(Stable sensing range 0 to 17.6 mm 0.69 in)
GX-MK30A
GX-MK30A-P
Normally open
GX-MK30B
GX-MK30B-P
Normally closed
Cylindrical Inductive Proximity Sensor
Notes: 1) It is the value in state where the circumference of a detection side has a metal object.
2) The maximum operation distance stands for the maximum distance for which the sensor can detect the standard sensing object.
The stable sensing range stands for the sensing range for which the sensor can stably detect the standard sensing object even if there is an ambient
temperature drift and/or supply voltage fluctuation.
DC 3-wire type (2 m cable length type)
Ex.)
GX-M12□
Ex.)
GX-MK12□
Listing
(2 m cable length type only)
Conforming to
EMC Directive
7


Similar Part No. - GX-MK12A-P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
GX-MD OMRON-GX-MD Datasheet
5Mb / 48P
   EtherCAT??Remote I/O Terminals
More results

Similar Description - GX-MK12A-P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
GX-3S PANASONIC-GX-3S Datasheet
702Kb / 10P
   Cylindrical Compact Inductive Proximity Sensor GX SERIES
logo
List of Unclassifed Man...
GX-5SU ETC2-GX-5SU Datasheet
803Kb / 16P
   Cylindrical Inductive Proximity Sensor Amplifier Built-in
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
logo
Reed Relays and Electro...
MS-225-1 RRE-MS-225-1 Datasheet
104Kb / 2P
   Cylindrical Proximity Sensor
MS-228-3 RRE-MS-228-3 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com