Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPC41-15 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GPC41-15
Description  41 WATT GLOBAL PERFORMANCE SWITCHERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GPC41-15 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GPC41-15 Datasheet HTML 1Page - List of Unclassifed Manufacturers GPC41-15 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GPC41 Commercial/GPM41 Medical
Ac Input
85-264 Vac, 47-63 Hz single phase.
Input Current
Maximum input current at 120 Vac, 60 Hz with full rated output load: 1.3 A
Hold-Up Time
20 ms minimum from loss of ac input at full load, nominal line (115 Vac).
Output Power
40 W continuous, 50 W peak. Peak ratings are for 60 s maximum duration,
10% duty cycle. During peak load condition, output regulation may exceed
total regulation limits.
Overload Protection
Fully protected against short circuit and output overload.
Short circuit protection is cycling type power limit.
Recovery after fault is automatic. Factory set to begin power limiting at ap-
proximately 55 W. See output ratings chart for additional notes or conditions.
Overvoltage Protection.
See output ratings chart.
Efficiency
69-77% at full rated load, nominal input voltage, depending
on model.
Turn-on Time
Less than 1 s at 120 Vac, 25°C (inversely proportional to input voltage).
Input Protection
Requires external ac line fusing. A 2.5 A, 250 V rated fuse with I2t > 20 is
recommended.
Inrush Current
Inrush is limited by internal thermistor. Inrush at 240 Vac under cold start
conditions will not exceed 34 A.
Temperature Coefficient
0.03%/°C typical on all outputs.
Environmental
Designed for 0 to 50°C operation at full rated output
power; derate output current and total output power by
2.5% per °C above 50°C. See Environmental and
Packaging Specifications on next page.
41 WATT GLOBAL PERFORMANCE SWITCHERS
• Ultra small (2.00” x 4.00” x 1.50”)
• Wide-range ac input 85-264 Vac
• 2-year warranty
• Conducted EMI exceeds FCC Class B and CISPR
22 Class B (Commercial models) and CISPR 11
Class B (Medical models)
• Commercial Approved to UL1950, IEC950,
EN60950 and CSA22.2-234 L3
• Medical Approved to UL2601-1, IEC601-1 and
CSA22.2 No. 601
• RoHS Compliant (G suffix)
GLOBAL PERFORMANCE SWITCHERS
All specifications are typical at nominal input, full load at 25OC unless otherwise stated
Summary:
D C P o w e r S u p p l i e s
SPECIFICATIONS
Output Noise
0.5% rms, 1% pk-pk, 20 MHz bandwidth, differential mode. Measured with noise
probe directly across output terminals of the power supply.
Transient Response
Main output—500 μs typical response time for return to within 0.5% of final value
for a 50% load step change. ∆i/ ∆t<0.2 A/μs. Maximum voltage deviation is 3.5%.
Startup/ shutdown overshoot less than 3%.
EMI/EMC Compliance
All models include built-in EMI filtering to meet the
following emissions requirements:
EMI SPECIFICATIONS
COMPLIANCE LEVEL
Conducted Emissions GPC41
Conducted Emissions GPM41
Static Discharge
RF Field Susceptibility
Fast Transients/Bursts
Surge Susceptibility
EN55022 Class B; FCC Class B
EN55011 Class B; FCC Class B
EN61000-4-2, 6 kV contact, 8 kV air
EN61000-4-3, 3 V/meter
EN61000-4-4, 2 kV, 5 kH
EN61000-4-5, 1 kV diff., 2 kV com.
Commercial Leakage Current
60 μA single fault; 60 Hz input.
Commercial Safety
Approved to UL1950, CSA22.2 No. 234 Level 3, IEC950 and EN60950. UL file
#E135803 commercial; CSA #LR46516 all models. All dc outputs are SELV under
normal and single fault conditions.
Medical Leakage Current
35 μA , 254 Vac 60 Hz input.
Medical Safety
Approved to UL2601, CSA22.2 No. 601 Level 3, IEC601.
UL file E116994; CSA #LR46516. The output(s) are intended for safety earthed Sig-
nal Output and Intermediate Circuits only. The output(s) are not acceptable for
patient connection without additional isolation. All dc outputs are SELV under
normal and single fault conditions.
marked to LVD


Similar Part No. - GPC41-15

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPC41-15 SLPOWER-GPC41-15 Datasheet
243Kb / 2P
   41 WATT GLOBAL PERFORMANCE SWITCHERS
More results

Similar Description - GPC41-15

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GPC41 SLPOWER-GPC41 Datasheet
243Kb / 2P
   41 WATT GLOBAL PERFORMANCE SWITCHERS
GPFC160 SLPOWER-GPFC160 Datasheet
245Kb / 2P
   160 Watt Global Performance Switchers
GSC20 SLPOWER-GSC20 Datasheet
234Kb / 2P
   20 WATT GLOBAL PERFORMANCE SWITCHERS
GLM110 SLPOWER-GLM110 Datasheet
309Kb / 2P
   110 Watt Global Performance Switchers
GPFC250 SLPOWER-GPFC250 Datasheet
260Kb / 2P
   250 Watt Global Performance Switchers
GSC25 SLPOWER-GSC25 Datasheet
246Kb / 2P
   25 Watt Global Performance Switchers
GPC40 SLPOWER-GPC40 Datasheet
292Kb / 2P
   40 WATT GLOBAL PERFORMANCE SWITCHERS
GSM28 SLPOWER-GSM28 Datasheet
244Kb / 2P
   28 Watt Global Performance Switchers
GLC50 SLPOWER-GLC50 Datasheet
256Kb / 2P
   50 WATT GLOBAL PERFORMANCE SWITCHERS
GPC140 SLPOWER-GPC140 Datasheet
269Kb / 2P
   140 Watt Global Performance Switchers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com