Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6JU-2FL-Y Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G6JU-2FL-Y
Description  Ultra-compact and Slim DPDT Relay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6JU-2FL-Y Datasheet(HTML) 4 Page - Omron Electronics LLC

  G6JU-2FL-Y Datasheet HTML 1Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 2Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 3Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 4Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 5Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 6Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 7Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 8Page - Omron Electronics LLC G6JU-2FL-Y Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
46
Surface-mounting Relay
G6J-Y
Characteristic Data
Switching voltage (V)
10
7
5
3
0.1
1
3
5
10
30 50
100
300 500 1,000
0.7
1
0.5
0.3
AC resistive load
DC resistive load
Ambient temperature (
°C)
−40
−20
0
20
40
60
80
100
250
200
150
100
50
0
−40
−20
0
20
40
60
80
100
1.2
1
0.8
0.6
0.4
0.2
0
Ambient temperature (
°C)
Maximum Switching Capacity
Ambient Temperature vs.
Maximum Voltage
Ambient Temperature
vs. Switching Current
Note:
“Maximum voltage” is the maximum voltage that can
be applied to the Relay coil.
1,000
500
300
100
50
30
10
5
3
1
0
0.2
0.4
0.6
0.8
1
1.2
Switching current (A)
30 VDC resistive load
Ambient temperature: 23
°C
Switching frequency:
1,800 operations/hour
125 VAC resistive load
Ambient temperature: 23
°C
Switching frequency:
1,800 operations/hour
max.
avg.
min.
avg.
min.
max.
Maximum estimated value
100
90
80
70
60
50
40
30
20
10
0
−60
−40 −20
0
20
40
60
80
100
Ambient temperature (
°C)
Operating voltage
Release voltage
Z
Z'
Y
Y'
X
X'
200
400
600
800
1,000
1,000
1,000
1,000
1,000
800
600
400
200
1,000
Shock directions
Unit: m/s2
Sample: G6J-2P-Y
Number of Relays: 10
XX'
Not
energized
Energized
Z
Z'
Y
Y'
Electrical Life Expectancy
Ambient Temperature vs. Must
Operate or Must Release Voltage
Shock Malfunction
Conditions: Shock is applied in
±X, ±Y, and ±Z directions
three times each with and without energizing the Relays
to check the number of contact malfunctions.
0.001 0.01
0.1
1
10
100
1,000
Operating frequency (x103 operations)
100
80
60
40
20
0
max.
min.
max.
min.
Release voltage
Operate voltage
Sample: G6J-2P-Y
Number of Relays: 10
Test conditions: 1-A resistive load at
30 VDC with an operation rate of 50%
Switching frequency: 1,800 operations/hour
Operating frequency (x103 operations)
0.001 0.01
0.1
1
10
100
1,000
NO contact
NC contact
1,000
500
300
100
50
30
10
max.
min.
min.
max.
Contact resistance
Sample: G6J-2P-Y
Number of Relays: 10
Test conditions: 1-A resistive load
at 30 VDC with an operation rate
of 50% Switching frequency:
1,800 operations/hour
Operating frequency (x105 operations)
0.001 0.01
0.1
1
10
100
1,000
1,000
500
300
100
50
30
10
max.
min.
min.
max.
Sample: G6J-2P-Y
Number of Relays: 10
Test conditions: 10
μA resistive load
at 10 m VDC with an operation rate
of 50% Switching frequency: 7,200
operations/hour
Contact resistance
NO contact
NC contact
Electrical Life Expectancy (with
Must Operate and Must Release
Voltage) (See note.)
Electrical Life Expectancy
(Contact resistance) (See note.)
Contact Reliability Test
(See note.)
Note:
1.
The tests were conducted at an ambient temperature of 23°C.
2.
The contact resistance data are periodically measured reference values and are not values from each monitoring operation. Contact resistance values will vary according
to the switching frequency and operating environment, so be sure to check operation under the actual operating conditions before use


Similar Part No. - G6JU-2FL-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6JU-2FL-Y OMRON-G6JU-2FL-Y Datasheet
400Kb / 12P
   Surface-mounting Relay
G6JU-2FL-Y OMRON-G6JU-2FL-Y Datasheet
346Kb / 12P
   Surface-mounting Relay
G6JU-2FL-Y OMRON-G6JU-2FL-Y Datasheet
346Kb / 12P
   Surface-mounting Relay
G6JU-2FL-Y OMRON-G6JU-2FL-Y Datasheet
347Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6JU-2FL-Y OMRON-G6JU-2FL-Y Datasheet
304Kb / 8P
   Ultra-compact and Slim DPDT Relay
More results

Similar Description - G6JU-2FL-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6J2FSY OMRON-G6J2FSY Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6JU-2FS-YDC3 OMRON-G6JU-2FS-YDC3 Datasheet
347Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J-Y OMRON-G6J-Y_V01 Datasheet
304Kb / 8P
   Ultra-compact and Slim DPDT Relay
G6H-2-DC12 OMRON-G6H-2-DC12 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HU-2-DC5 OMRON-G6HU-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC5 OMRON-G6H-2-F-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HK-2-DC5 OMRON-G6HK-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC24 OMRON-G6H-2-F-DC24 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H OMRON-G6H Datasheet
249Kb / 8P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-DC5 OMRON-G6H-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com