Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPW315DS Datasheet(PDF) 11 Page - NICHIA CORPORATION

Part # NSPW315DS
Description  SPECIFICATIONS FOR WHITE LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPW315DS Datasheet(HTML) 11 Page - NICHIA CORPORATION

Back Button NSPW315DS_14 Datasheet HTML 7Page - NICHIA CORPORATION NSPW315DS_14 Datasheet HTML 8Page - NICHIA CORPORATION NSPW315DS_14 Datasheet HTML 9Page - NICHIA CORPORATION NSPW315DS_14 Datasheet HTML 10Page - NICHIA CORPORATION NSPW315DS_14 Datasheet HTML 11Page - NICHIA CORPORATION NSPW315DS_14 Datasheet HTML 12Page - NICHIA CORPORATION NSPW315DS_14 Datasheet HTML 13Page - NICHIA CORPORATION NSPW315DS_14 Datasheet HTML 14Page - NICHIA CORPORATION NSPW315DS_14 Datasheet HTML 15Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NICHIA STS-DA1-2346 <Cat.No.120330>
10
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
NSPW315D(S)
STS-DA7-2543
管理番号
No.
TaVf
2.0
2.5
3.0
3.5
4.0
4.5
-60 -40 -20
0
20
40
60
80 100 120
TaIv
0.6
0.8
1.0
1.2
1.4
-60 -40 -20
0
20
40
60
80 100 120
VfIf
1
10
100
2.0
2.5
3.0
3.5
4.0
4.5
20
周囲温度-相対光度特性
Ambient Temperature vs
Relative Luminosity
IfIv
0
1
2
3
4
5
0
20406080
100
120
順電流-相対光度特性
Forward Current vs
Relative Luminosity
順電流
Forward Current(mA)
順電圧-順電流特性
Forward Voltage vs
Forward Current
周囲温度-順電圧特性
Ambient Temperature vs
Forward Voltage
順電圧
Forward Voltage(V)
周囲温度
Ambient Temperature(°C)
周囲温度
Ambient Temperature(°C)
IFP=20mA
IFP=60mA
IFP=5mA
TA=25°C
* 本特性は参考です。
All characteristics shown are for reference only and are not guaranteed.
TA=25°C
IFP=20mA


Similar Part No. - NSPW315DS_14

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW315DS NICHIA-NSPW315DS Datasheet
205Kb / 15P
   WHITE LED
logo
Marl International Limi...
NSPW315DS MARL-NSPW315DS Datasheet
206Kb / 15P
   WHITE LED
More results

Similar Description - NSPW315DS_14

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW510DS NICHIA-NSPW510DS_14 Datasheet
228Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW515DS NICHIA-NSPW515DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NSPW500DS NICHIA-NSPW500DS_14 Datasheet
224Kb / 16P
   SPECIFICATIONS FOR WHITE LED
NS2W150B NICHIA-NS2W150B Datasheet
277Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW063A NICHIA-NSSW063A Datasheet
297Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NSSW150B NICHIA-NSSW150B Datasheet
276Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSW206C NICHIA-NSSW206C Datasheet
298Kb / 18P
   SPECIFICATIONS FOR WHITE LED
NSSWT02A NICHIA-NSSWT02A Datasheet
295Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NVSW119BT NICHIA-NVSW119BT_13 Datasheet
361Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NVSW219BT NICHIA-NVSW219BT_13 Datasheet
360Kb / 23P
   SPECIFICATIONS FOR WHITE LED
NFCWD084B-V3 NICHIA-NFCWD084B-V3 Datasheet
994Kb / 43P
   SPECIFICATIONS FOR WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com