Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPR310S-E Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NSPR310S-E
Description  SPECIFICATIONS FOR RED LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPR310S-E Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NSPR310S-E Datasheet HTML 1Page - NICHIA CORPORATION NSPR310S-E Datasheet HTML 2Page - NICHIA CORPORATION NSPR310S-E Datasheet HTML 3Page - NICHIA CORPORATION NSPR310S-E Datasheet HTML 4Page - NICHIA CORPORATION NSPR310S-E Datasheet HTML 5Page - NICHIA CORPORATION NSPR310S-E Datasheet HTML 6Page - NICHIA CORPORATION NSPR310S-E Datasheet HTML 7Page - NICHIA CORPORATION NSPR310S-E Datasheet HTML 8Page - NICHIA CORPORATION NSPR310S-E Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NICHIA STS-DA1-2520 <Cat.No.120612>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
1.70
2.45
V
Reverse Current
-
-
50
µA
T
4.8
6.8
S
3.4
4.8
Luminous Intensity
R
2.4
3.4
cd
Color Rank
Rank Rp
x
0.6853
0.6593
0.6800
0.7080
y
0.2947
0.3207
0.3200
0.2920
* Ranking at TA=25°C.
* Tolerance of measurements of the Forward Voltage is ±0.05V.
* Tolerance of measurements of the Luminous Intensity is ±10%.
* Tolerance of measurements of the Chromaticity Coordinate is ±0.01.
* A shipment shall consist of LEDs in a combination of the above ranks.
The percentage of each rank in the shipment shall be determined by Nichia.


Similar Part No. - NSPR310S-E

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPR336AS NICHIA-NSPR336AS Datasheet
241Kb / 15P
   SPECIFICATIONS FOR RED LED
NSPR336BS NICHIA-NSPR336BS Datasheet
275Kb / 16P
   rohs compliant
NSPR336CS NICHIA-NSPR336CS Datasheet
272Kb / 16P
   rohs compliant
NSPR346KS NICHIA-NSPR346KS Datasheet
249Kb / 15P
   RoHS Compliant
NSPR346LS NICHIA-NSPR346LS Datasheet
250Kb / 16P
   SPECIFICATIONS FOR RED LED
More results

Similar Description - NSPR310S-E

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPR510GS NICHIA-NSPR510GS Datasheet
236Kb / 15P
   SPECIFICATIONS FOR RED LED
NSPR336AS NICHIA-NSPR336AS Datasheet
241Kb / 15P
   SPECIFICATIONS FOR RED LED
NSPR346LS NICHIA-NSPR346LS Datasheet
250Kb / 16P
   SPECIFICATIONS FOR RED LED
NCSR119T NICHIA-NCSR119T Datasheet
313Kb / 17P
   SPECIFICATIONS FOR RED LED
NLPR01S03A-E NICHIA-NLPR01S03A-E Datasheet
323Kb / 10P
   SPECIFICATIONS FOR RED STANDARD LED
logo
List of Unclassifed Man...
NSPR546CS ETC-NSPR546CS Datasheet
473Kb / 15P
   SPECIFICATIONS FOR NICHIA RED LED
NSPR510AS ETC1-NSPR510AS Datasheet
190Kb / 15P
   SPECIFICATIONS FOR NICHIA RED LED
logo
NICHIA CORPORATION
NLSR06S01-E NICHIA-NLSR06S01-E Datasheet
275Kb / 9P
   SPECIFICATIONS FOR RED STANDARD LED
NLHR01S02-E NICHIA-NLHR01S02-E Datasheet
660Kb / 12P
   SPECIFICATIONS FOR NICHIA LUMINOUS FLUX RED STANDARD LED
NLPR01S01A-E NICHIA-NLPR01S01A-E Datasheet
686Kb / 12P
   SPECIFICATIONS FOR NICHIA LUMINOUS INTENSITY RED STANDARD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com