Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1677 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1677
Description  Portable System Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1677 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1677 Datasheet HTML 1Page - Dallas Semiconductor DS1677 Datasheet HTML 2Page - Dallas Semiconductor DS1677 Datasheet HTML 3Page - Dallas Semiconductor DS1677 Datasheet HTML 4Page - Dallas Semiconductor DS1677 Datasheet HTML 5Page - Dallas Semiconductor DS1677 Datasheet HTML 6Page - Dallas Semiconductor DS1677 Datasheet HTML 7Page - Dallas Semiconductor DS1677 Datasheet HTML 8Page - Dallas Semiconductor DS1677 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DS1677
5 of 17
DS1677 ADDRESS MAP Figure 3
BIT7
BIT0
00
0
10 SECONDS
SECONDS
01
0
10 MINUTES
MINUTES
02
0
12
24
10 HR
A/P
10 HR
HOURS
03
0
0
0
0
0
DAY
04
0
0
10 DATE
DATE
05
0
0
0
10 MO.
MONTH
06
10 YEAR
YEAR
07
M
10 SEC ALARM
SECONDS ALARM
08
M
10 MIN ALARM
MINUTES ALARM
09
M
12
24
10 HR
A/P
10 HR
HOUR ALARM
0A
M
0
0
0
DAY ALARM
0B
CONTROL REGISTER
0C
STATUS REGISTER
0D
WATCHDOG REGISTER
0E
ADC REGISTER
0F
7F
RESERVED
CLOCK, CALENDAR AND ALARM
The time and calendar information is accessed by reading/writing the appropriate register bytes. Note
that some bits are set to zero. These bits will always read zero regardless of how they are written. Also
note that registers 0Fh to 7Fh are reserved. These registers will always read zero regardless of how they
are written. The contents of the time, calendar, and alarm registers are in the Binary–Coded Decimal
(BCD) format.
The DS1677 can run in either 12–hour or 24–hour mode. Bit 6 of the hours register is defined as the 12–
or 24–hour mode select bit. When high, the 12–hour mode is selected. In the 12–hour mode, bit 5 is the
AM/PM bit with logic one being PM. In the 24–hour mode, bit 5 is the second 10–hour bit (20–23
hours).
The DS1677 also contains a time of day alarm. The alarm registers are located in registers 07h to 0Ah.
Bit 7 of each of the alarm registers are mask bits (see Table 1). When all of the mask bits are logic 0, an
alarm will occur once per week when the values stored in timekeeping registers 00h to 03h match the
values stored in the time of day alarm registers. An alarm will be generated every day when mask bit of
the day alarm register is set to one. An alarm will be generated every hour when the day and hour alarm
mask bits are set to one. Similarly, an alarm will be generated every minute when the day, hour, and
minute alarm mask bits are set to one. When day, hour, minute, and seconds alarm mask bits are set to
one, an alarm will occur every second.


Similar Part No. - DS1677

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
logo
Dallas Semiconductor
DS1677-5 DALLAS-DS1677-5 Datasheet
549Kb / 18P
   Portable System Controller
DS1677E DALLAS-DS1677E Datasheet
549Kb / 18P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677E MAXIM-DS1677E Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
logo
Dallas Semiconductor
DS1677E++ DALLAS-DS1677E+ Datasheet
549Kb / 18P
   Portable System Controller
More results

Similar Description - DS1677

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
DS1670 MAXIM-DS1670 Datasheet
366Kb / 16P
   Portable System Controller
REV: 080805
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677_05 Datasheet
549Kb / 18P
   Portable System Controller
DS1680 DALLAS-DS1680 Datasheet
335Kb / 23P
   Portable System Controller with Touch-Screen Control
logo
Integrated Circuit Syst...
MK3230 ICST-MK3230 Datasheet
68Kb / 4P
   Portable System Clock Synthesizer
logo
Ultralife Corporation.
LPAS-320U ULTRALIFE-LPAS-320U Datasheet
2Mb / 2P
   Lightweight Portable Amplification System
5/28/14
logo
Motorola, Inc
MC68EZ328 MOTOROLA-MC68EZ328 Datasheet
103Kb / 8P
   Integrated Portable System Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com