Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1666-100 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1666-100
Description  Audio Digital Resistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1666-100 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1666-100 Datasheet HTML 1Page - Dallas Semiconductor DS1666-100 Datasheet HTML 2Page - Dallas Semiconductor DS1666-100 Datasheet HTML 3Page - Dallas Semiconductor DS1666-100 Datasheet HTML 4Page - Dallas Semiconductor DS1666-100 Datasheet HTML 5Page - Dallas Semiconductor DS1666-100 Datasheet HTML 6Page - Dallas Semiconductor DS1666-100 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS1666, DS1666S
022698 2/7
GRAPH OF AUDIO TAPER Figure 1
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
LOW TERMINAL
HIGH TERMINAL
% OF ACTIVE DIGITAL TAPS
1
3
2
1
OPERATION
The CS, U/D and INC inputs control the position of the
wiper along the resistor array (Figure 1). When CS is ac-
tive (low), a high to low transition on the INC will incre-
ment or decrement an internal counter depending on the
level of the U/D pin. When the U/D pin is low, the counter
will decrement. When the U/D pin is high, the counter will
increment. The state of the U/D pin can be changed while
CS is active allowing for precise adjustment during cali-
bration. The output of the counter is decoded to set the
position of the wiper. When the CS input transitions to the
high (inactive) level, the value of the counter is stored and
the wiper position is maintained until power (VCC) is lost.
When power is restored, the DS1666 returns to the de-
fault setting and positions the wiper to 10 percent. The
value of the end–to–end and end–to–wiper position is in-
determinate while VCC is not applied.
The DS1666 has a resistor array that resembles an au-
dio taper potentiometer as shown in Figure 1 1. Since
the taper is not linear, exact resistance values for each
of the 128 positions of the resistor is not specified. How-
ever, the end-to-end resistance is specified to be within
±20 percent of the stated resistor value over an indus-
trial temperature range of –40
°C to +85°C.
ANALOG CHARACTERISTICS
End–to–End Resistance Tolerance =
±20 percent
Typical Noise = <120 dB/Hz REF:IV
Temperature Coefficient =
±800 PPM/°C typical
Resistance at tap #74=18%
± 2% of total resistance.
PIN DESCRIPTIONS
VH
The high end of the potentiometer. This
terminal is capable of handling input volt-
ages between
±5 volts.
VL
The Low end of the potentiometer. This
terminal is capable of handling input volt-
ages between
±5 volts.
VW
The wiper terminal of the potentiometer.
The value of the wiper is controlled by the
U/D and the INC pins.
Up/Down
The
U/D
input
controls
the
direc-
(U/D)
tion of the wiper movement when setting
the potentiometer.
Increment
Toggling INC will move the potentiome-
(INC)
ter wiper by either incrementing or decre-
menting the counter.
Chip Select The device is selected when CS input is
(CS)
low. The current counter value is stored
when CS is returned high.


Similar Part No. - DS1666-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1666-100 MAXIM-DS1666-100 Datasheet
137Kb / 9P
   Audio Digital Resistor
102899
More results

Similar Description - DS1666-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1666 MAXIM-DS1666 Datasheet
137Kb / 9P
   Audio Digital Resistor
102899
logo
Rhombus Industries Inc.
T-10252 RHOMBUS-IND-T-10252 Datasheet
23Kb / 1P
   DIGITAL AUDIO
T-10247 RHOMBUS-IND-T-10247_98 Datasheet
34Kb / 1P
   Digital Audio
logo
California Micro Device...
PACAC97 CALMIRCO-PACAC97 Datasheet
54Kb / 4P
   PC AUDIO RESISTOR NETWORK
logo
Texas Instruments
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_06 Datasheet
245Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
logo
XFMRS Inc.
XF2256AT XFMRS-XF2256AT Datasheet
624Kb / 2P
   AUDIO Transformers Digital Audio Transformers
logo
Mixed Signal Integratio...
MSRAAF MSI-MSRAAF Datasheet
98Kb / 8P
   Resistor Programmable Active Audio Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com