Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU-74-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BU-74-2
Description  Insulator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BU-74-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-74-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Insulator
• Protective flexible vinyl insulator for 55
• Accepts 0.27” ( 7 mm) ignition wire
• Material: PVC
• Length: 2.875” (73 mm)
• *Std. Colors: -0 Black, -2 Red, -4 Yellow ,-5 Green ,-6 Blue ,-9 White
• RoHS Compliant
Part Number:
BU-74-*
Description:
Insulator
1108


Similar Part No. - BU-74-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-74-2 ETC2-BU-74-2 Datasheet
144Kb / 1P
   Insulator for BU??5 Series Clips
More results

Similar Description - BU-74-2

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
ADIP-16-Z-LC ASSMANN-ADIP-16-Z-LC Datasheet
275Kb / 1P
   INSULATOR MATERIAL
ADIP-10-Z-LC ASSMANN-ADIP-10-Z-LC Datasheet
275Kb / 1P
   INSULATOR MATERIAL
ADIP-14-Z-LC ASSMANN-ADIP-14-Z-LC Datasheet
275Kb / 1P
   INSULATOR MATERIAL
AWHW20-G-SMD ASSMANN-AWHW20-G-SMD Datasheet
179Kb / 1P
   Insulator Material
ADIP-08Z-LC ASSMANN-ADIP-08Z-LC Datasheet
275Kb / 1P
   INSULATOR MATERIAL : PBT
logo
Japan Aviation Electron...
KD10-RRP8-F-0 JAE-KD10-RRP8-F-0 Datasheet
112Kb / 1P
   INSULATOR 6-6Ny
DD1P030MA1 JAE-DD1P030MA1 Datasheet
178Kb / 1P
   INSULATOR 9T NYLON
logo
Harwin Plc
W2222-00 HARWIN-W2222-00 Datasheet
151Kb / 1P
   FEED THROUGH INSULATOR
logo
List of Unclassifed Man...
BU-26-0 ETC2-BU-26-0 Datasheet
517Kb / 1P
   Insulator for Automotive Clip
logo
Japan Aviation Electron...
FI-J20C5 JAE-FI-J20C5 Datasheet
133Kb / 1P
   INSULATOR HEAT RESISTING PLASTIC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com