Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS6L183B Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NS6L183B
Description  SPECIFICATIONS FOR WARM WHITE LED
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NS6L183B Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NS6L183B Datasheet HTML 3Page - NICHIA CORPORATION NS6L183B Datasheet HTML 4Page - NICHIA CORPORATION NS6L183B Datasheet HTML 5Page - NICHIA CORPORATION NS6L183B Datasheet HTML 6Page - NICHIA CORPORATION NS6L183B Datasheet HTML 7Page - NICHIA CORPORATION NS6L183B Datasheet HTML 8Page - NICHIA CORPORATION NS6L183B Datasheet HTML 9Page - NICHIA CORPORATION NS6L183B Datasheet HTML 10Page - NICHIA CORPORATION NS6L183B Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
NICHIA STS-DA1-2740A <Cat.No.130410>
6
TAPE AND REEL DIMENSIONS
Nxxx183x
STS-DA7-0152B
Reel Size: 1400pcs
数量は
1リールにつき 1400
個入りです
*
The tape packing method complies with JIS C 0806
(Packaging of Electronic Components on Continuous Tapes).
* JIS C 0806
電子部品テーピングに準拠しています
(単位 Unit: mm)
管理番号
No.
リール部
Reel
15.4±1
-0
180+0
-3
ラベル
Label
13+1
8±0.1 2±0.05 4±0.1
Φ
1.5+0.1
-0
テーピング部
Tape
5.2±0.1
0.2±0.05
1.55±0.1
Φ
1.5+0.2
-0
Cathode Mark
トレーラ部
/リーダ部 Trailer and Leader
トップカバーテープ
引き出し方向
Embossed Carrier Tape
エンボスキャリアテープ
Top Cover Tape
Feed
Direction
リーダ部最小
400mm
Leader without Top Cover Tape 400mm MIN
トレーラ部最小
160mm()
空部
Trailer 160mm MIN(Empty Pockets)
LED装着部
Loaded Pockets
引き出し部最小
100mm()
空部
Leader with Top Cover Tape
100mm MIN(Empty Pocket)
*
実装作業の中断などでエンボスキャリアテープをリールに巻き取る場合
エンボスキャリアテープを強く
(10N以上)
締めないで下さい
LED
がカバーテープに貼り付く可能性があります
When the tape is rewound due to work interruptions,
no more than 10N should be applied to
the embossed carrier tape.
The LEDs may stick to the top cover tape.


Similar Part No. - NS6L183B

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NS6L183BT NICHIA-NS6L183BT Datasheet
368Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
More results

Similar Description - NS6L183B

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSBLL121A NICHIA-NSBLL121A Datasheet
474Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NSPL510DS NICHIA-NSPL510DS_14 Datasheet
217Kb / 16P
   SPECIFICATIONS FOR WARM WHITE LED
NSPL570DS NICHIA-NSPL570DS_14 Datasheet
231Kb / 16P
   SPECIFICATIONS FOR WARM WHITE LED
NS9L383 NICHIA-NS9L383 Datasheet
369Kb / 21P
   SPECIFICATIONS FOR WARM WHITE LED
NHSL157BT NICHIA-NHSL157BT Datasheet
327Kb / 17P
   SPECIFICATIONS FOR WARM WHITE LED
NFSL757GT-P5 NICHIA-NFSL757GT-P5 Datasheet
607Kb / 23P
   SPECIFICATIONS FOR WARM WHITE LED
NS2L157ART-H3 NICHIA-NS2L157ART-H3 Datasheet
304Kb / 18P
   SPECIFICATIONS FOR WARM WHITE LED
NS6L183BT NICHIA-NS6L183BT Datasheet
368Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NT2L757DT NICHIA-NT2L757DT Datasheet
322Kb / 20P
   SPECIFICATIONS FOR WARM WHITE LED
NSCLL036A NICHIA-NSCLL036A Datasheet
473Kb / 19P
   SPECIFICATIONS FOR WARM WHITE LED
NESL064AT NICHIA-NESL064AT_14 Datasheet
309Kb / 17P
   SPECIFICATIONS FOR WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com