Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF50ACC453215 Datasheet(PDF) 4 Page - TDK Electronics

Part # HF50ACC453215
Description  Chip Beads For Power Line
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

HF50ACC453215 Datasheet(HTML) 4 Page - TDK Electronics

  HF50ACC453215 Datasheet HTML 1Page - TDK Electronics HF50ACC453215 Datasheet HTML 2Page - TDK Electronics HF50ACC453215 Datasheet HTML 3Page - TDK Electronics HF50ACC453215 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
(3/3)
001-03 / 20110929 / e9413_acc.fm
• All specifications are subject to change without notice.
TYPICAL ELECTRICAL CHARACTERISTICS
Z, X, R vs. FREQUENCY CHARACTERISTICS
HF70ACC453215
HF50ACC453215
HF30ACC453215
TEST EQUIPMENT:RF IMPEDANCE ANALYZER YHP4191A
PACKAGING STYLES
201209 TO 322513 TYPES
REEL DIMENSIONS
TAPE DIMENSIONS
453215 TYPE
REEL DIMENSIONS
TAPE DIMENSIONS
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
R
X
Z
1000
Frequency(MHz)
100
10
1
1
10
100
1000
Type
A
B
CDT
201209
1.4±0.1
2.25±0.1
4.0±0.1
2.0±0.05
1.25max.
321611
1.75±0.1
3.45±0.1
4.0±0.1
2.0±0.05
1.4max.
322513
2.6±0.1
3.45±0.1
4.0±0.1
2.0±0.05
1.6max.
1.0
ø180
±2.0
2.0
±0.5
ø13
±0.2
ø21
±0.8
14.4max.
Dimensions in mm
8.4
+2.0
–0.0
TA
4.0
±0.1
C
D
Sprocket
hole
1.5
+0.1
–0.0
Dimensions in mm
0.2 to 0.35
Cavity
40 to 80
Taping
200min.
300min.
Drawing direction
Dimensions in mm
Type
ABC
D
T
453215
3.37±0.1
4.75±0.1
8.0±0.1
2.0±0.05
1.8max.
1.0
ø180
±2.0
2.0
±0.5
ø13
±0.2
ø21
±0.8
17.0
±1.4
13.0
±0.3
Dimensions in mm
T
A
4.0
±0.1
D
C
Sprocket
hole
1.5
+0.1
–0.0
Dimensions in mm
0.3 to 0.5
Cavity
40 to 80
Taping
200min.
300min.
Drawing direction
Dimensions in mm


Similar Part No. - HF50ACC453215

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HF50ACC453215 TDK-HF50ACC453215 Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF50ACC453215-T TDK-HF50ACC453215-T Datasheet
97Kb / 8P
   Chip Beads
HF50ACC453215-T TDK-HF50ACC453215-T Datasheet
97Kb / 8P
   Chip Beads
HF50ACC453215-X TDK-HF50ACC453215-X Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
HF50ACC453215-X TDK-HF50ACC453215-X Datasheet
77Kb / 3P
   EMC Components Ferrite Beads SMD
More results

Similar Description - HF50ACC453215

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TDK_MPZ-2 TDK-TDK_MPZ-2 Datasheet
229Kb / 11P
   Chip Beads For Power Line
MPZ1608S102A TDK-MPZ1608S102A Datasheet
334Kb / 13P
   Chip Beads For power line
MPZ2012S601ATD25 TDK-MPZ2012S601ATD25 Datasheet
117Kb / 10P
   Chip Beads For power line
MPZ1608B471ATA00 TDK-MPZ1608B471ATA00 Datasheet
157Kb / 11P
   Chip Beads For power line
MPZ2012 TDK-MPZ2012 Datasheet
185Kb / 4P
   Chip beads For power line
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
   Chip Beads(SMD) For Power Line
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
   Chip Beads(SMD) For Power Line
logo
ELAN Microelectronics C...
MPZ2012 EMC-MPZ2012_06 Datasheet
65Kb / 2P
   Chip Beads(SMD) For Power Line
logo
TDK Electronics
MPZ0603 TDK-MPZ0603 Datasheet
334Kb / 13P
   Chip Beads For power line MPZ series
KPZ1608-HR TDK-KPZ1608-HR Datasheet
187Kb / 4P
   Chip beads For power line Soft termination
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com