Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMR2300-D20-485 Datasheet(PDF) 8 Page - Honeywell Accelerometers

Part # HMR2300-D20-485
Description  Smart Digital Magnetometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HMR2300-D20-485 Datasheet(HTML) 8 Page - Honeywell Accelerometers

Back Button HMR2300-D20-485 Datasheet HTML 4Page - Honeywell Accelerometers HMR2300-D20-485 Datasheet HTML 5Page - Honeywell Accelerometers HMR2300-D20-485 Datasheet HTML 6Page - Honeywell Accelerometers HMR2300-D20-485 Datasheet HTML 7Page - Honeywell Accelerometers HMR2300-D20-485 Datasheet HTML 8Page - Honeywell Accelerometers HMR2300-D20-485 Datasheet HTML 9Page - Honeywell Accelerometers HMR2300-D20-485 Datasheet HTML 10Page - Honeywell Accelerometers HMR2300-D20-485 Datasheet HTML 11Page - Honeywell Accelerometers HMR2300-D20-485 Datasheet HTML 12Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HMR2300
8
www.honeywell.com
DATA FORMATS
The HMR2300 transmits each X, Y, and Z axis as a 16-bit value. The output data format can be either 16-bit signed binary
(sign plus 15 bits) or a binary coded decimal (BCD) ASCII characters. The command *ddA will select the ASCII format
and *ddB will select the binary format.
The order of ouput for the binary format is Xhi, Xlo, Yhi, Ylo, Zhi, Zlo. The binary format is more efficient for a computer to
interpret since only 7 bytes are transmitted. The BCD ASCII format is easiest for user interpretation but requires 28 bytes
per reading. There are limitations on the output sample rate (see table below) based on the format and baud rate
selected. Examples of both binary and BCD ASCII outputs are shown below for field values between 2 gauss.
Field
(gauss)
BCD ASCII
Value
Binary Value (Hex)
High Byte
Low Byte
+2.0
30,000
75
30
+1.5
22,500
57
E4
+1.0
15,000
3A
98
+0.5
7,500
1D
4C
0.0
00
00
00
-0.5
-7,500
E2
B4
-1.0
-15,000
C3
74
-1.5
-22,500
A8
1C
-2.0
-30,000
8A
D0
Binary Format: 7 Bytes
XH | XL | YH | YL | ZH | ZL | <cr>
XH = Signed Byte, X axis
XL = Low Byte, X axis
<cr> = Carriage Return (Enter key), Hex Code = 0D
ASCII Format: 28 Bytes
SN | X1 | X2 | CM | X3 | X4 | X5 | SP | SP | SN | Y1 | Y2 | CM | Y3 | Y4 | Y5 | SP | SP | SN | Z1 | Z2 | CM | Z3 | Z4 | Z5 | SP
| SP |<cr>
The ASCII characters will be readable on a monitor as sign decimal numbers. This format is best when the user is
interpreting the readings.
PARAMETER SELECTION VERSUS OUTPUT SAMPLE RATE
Sample
Rate
(sps)
ASCII
Binary
f3dB
(Hz)
Notch
(Hz)
Command Input
Rate
– min.
(msec)
9600
19,200
9600
19,200
10
yes
yes
yes
yes
17
50/60
20
20
yes
yes
yes
yes
17
50/60
20
25
yes
yes
yes
yes
21
63/75
16
30
yes
yes
yes
yes
26
75/90
14
40
no
yes
yes
yes
34
100/120
10
50
no
yes
yes
yes
42
125/150
8
60
no
no
yes
yes
51
150/180
7
100
no
no
yes
yes
85
250/300
4
123
no
no
no
yes
104
308/369
3.5
154
no
no
no
yes
131
385/462
3


Similar Part No. - HMR2300-D20-485

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMR2300 HONEYWELL-HMR2300 Datasheet
596Kb / 12P
   Smart Digital Magnetometer
HMR2300R HONEYWELL-HMR2300R Datasheet
156Kb / 8P
   THREE-AXIS STRAPDOWN MAGNETOMETER
HMR2300R-422 HONEYWELL-HMR2300R-422 Datasheet
156Kb / 8P
   THREE-AXIS STRAPDOWN MAGNETOMETER
HMR2300R-485 HONEYWELL-HMR2300R-485 Datasheet
156Kb / 8P
   THREE-AXIS STRAPDOWN MAGNETOMETER
More results

Similar Description - HMR2300-D20-485

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMR2300 HONEYWELL-HMR2300 Datasheet
596Kb / 12P
   Smart Digital Magnetometer
logo
Freescale Semiconductor...
MAG3110 FREESCALE-MAG3110_12 Datasheet
369Kb / 28P
   Three-Axis, Digital Magnetometer
MAG3110 FREESCALE-MAG3110 Datasheet
327Kb / 23P
   3-Axis, Digital Magnetometer
logo
Rohm
BM1422AGMV ROHM-BM1422AGMV Datasheet
2Mb / 29P
   3-Axis Digital Magnetometer IC
logo
NXP Semiconductors
MAG3110 NXP-MAG3110 Datasheet
470Kb / 30P
   Xtrinsic MAG3110 Three-Axis, Digital Magnetometer
Rev. 9.2, 02/2013
logo
Melexis Microelectronic...
MLX90392 MELEXIS-MLX90392 Datasheet
2Mb / 40P
   3D Magnetometer
logo
List of Unclassifed Man...
IST8310 ETC-IST8310 Datasheet
251Kb / 9P
   3D Magnetometer
Version 1.2
logo
Melexis Microelectronic...
MLX90393 MELEXIS-MLX90393 Datasheet
618Kb / 27P
   Micropower Triaxis Magnetometer
logo
Bosch Sensortec GmbH
BMM350 BOSCH-BMM350 Datasheet
328Kb / 3P
   High-performance magnetometer
Version_1.0_102022
logo
PCE Instruments.
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
   Magnetometer PCE-MFM 2400
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com