Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMR2300-D00-485 Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # HMR2300-D00-485
Description  Smart Digital Magnetometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HMR2300-D00-485 Datasheet(HTML) 2 Page - Honeywell Accelerometers

  HMR2300-D00-485 Datasheet HTML 1Page - Honeywell Accelerometers HMR2300-D00-485 Datasheet HTML 2Page - Honeywell Accelerometers HMR2300-D00-485 Datasheet HTML 3Page - Honeywell Accelerometers HMR2300-D00-485 Datasheet HTML 4Page - Honeywell Accelerometers HMR2300-D00-485 Datasheet HTML 5Page - Honeywell Accelerometers HMR2300-D00-485 Datasheet HTML 6Page - Honeywell Accelerometers HMR2300-D00-485 Datasheet HTML 7Page - Honeywell Accelerometers HMR2300-D00-485 Datasheet HTML 8Page - Honeywell Accelerometers HMR2300-D00-485 Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HMR2300
2
www.honeywell.com
SPECIFICATIONS
Characteristics
Conditions
Min
Typ
Max
Units
Power Supply
Supply Voltage
Pin 9 referenced to Pin 5 (Ground)
6.5
15
Volts
Supply Current
Vsupply = 15V, with S/R = On
27
35
mA
Temperature
Operating
Ambient
-40
+85
°C
Storage
Ambient, Unbiased
-55
125
°C
Magnetic Field
Range
Full Scale (FS), Total Field Applied
-2
+2
gauss
Resolution
Applied Field to Change Output
67
micro-gauss
Accuracy
RSS of All Errors @+25°C
1 gauss
2 gauss
0.01
1
0.52
2
%FS
Linearity Error
Best Fit Straight Line @+25°C
1 gauss
2 gauss
0.1
1
0.5
2
%FS
Hysterisis Error
3 Sweeps Across
2 gauss @+25°C
0.01
0.02
%FS
Repeatability Error
3 Sweeps Across
2 gauss @+25°C
0.05
0.10
%FS
Gain Error
Applied Field for Zero Reading
0.05
0.10
%FS
Offset Error
Applied Field for Zero Reading
0.01
0.03
%FS
Temperature
Effect
Coefficient of Gain
-600
114
ppm/°C
Power Supply Effect
From +6 to +15V with 1 gauss
Applied Field
150
ppm/V
Mechanical
Weight
PCB Only
PCB and Non-Flanged Enclosure
PCB and Flanged Enclosure
28
94
98
grams
Vibration
Operating,
5 to 10Hz for 2 Hours
10Hz to 2kHz for 30 Minutes
10
2.0
mm
g
Digital I/O Timing
(See Timing Diagrams)
TRESP
*dd Commands (dd = Device ID)
*ddP
*ddR, *ddS, *ddT
*ddC
*ddQ
*99 Commands
*99Q
1.9
2
3
6
40
2+(ddx80)
2+(ddx40)
2+(ddx120)
2.2
3.2
6.2
60
2+Typ
2+Typ
2+Typ
msec
TDELAY
*dd Commands (dd = Device ID)
*99 Commands
39
40
ddx40
41
2+Typ
msec
TBYTE
9600
19,200
1.04
0.52
msec
TSTARTUP
Power Applied to End of Start-Up
Message
50
80
msec


Similar Part No. - HMR2300-D00-485

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMR2300 HONEYWELL-HMR2300 Datasheet
596Kb / 12P
   Smart Digital Magnetometer
HMR2300R HONEYWELL-HMR2300R Datasheet
156Kb / 8P
   THREE-AXIS STRAPDOWN MAGNETOMETER
HMR2300R-422 HONEYWELL-HMR2300R-422 Datasheet
156Kb / 8P
   THREE-AXIS STRAPDOWN MAGNETOMETER
HMR2300R-485 HONEYWELL-HMR2300R-485 Datasheet
156Kb / 8P
   THREE-AXIS STRAPDOWN MAGNETOMETER
More results

Similar Description - HMR2300-D00-485

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMR2300 HONEYWELL-HMR2300 Datasheet
596Kb / 12P
   Smart Digital Magnetometer
logo
Freescale Semiconductor...
MAG3110 FREESCALE-MAG3110_12 Datasheet
369Kb / 28P
   Three-Axis, Digital Magnetometer
MAG3110 FREESCALE-MAG3110 Datasheet
327Kb / 23P
   3-Axis, Digital Magnetometer
logo
Rohm
BM1422AGMV ROHM-BM1422AGMV Datasheet
2Mb / 29P
   3-Axis Digital Magnetometer IC
logo
NXP Semiconductors
MAG3110 NXP-MAG3110 Datasheet
470Kb / 30P
   Xtrinsic MAG3110 Three-Axis, Digital Magnetometer
Rev. 9.2, 02/2013
logo
Melexis Microelectronic...
MLX90392 MELEXIS-MLX90392 Datasheet
2Mb / 40P
   3D Magnetometer
logo
List of Unclassifed Man...
IST8310 ETC-IST8310 Datasheet
251Kb / 9P
   3D Magnetometer
Version 1.2
logo
Melexis Microelectronic...
MLX90393 MELEXIS-MLX90393 Datasheet
618Kb / 27P
   Micropower Triaxis Magnetometer
logo
Bosch Sensortec GmbH
BMM350 BOSCH-BMM350 Datasheet
328Kb / 3P
   High-performance magnetometer
Version_1.0_102022
logo
PCE Instruments.
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
   Magnetometer PCE-MFM 2400
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com