Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NEPE510JS Datasheet(PDF) 5 Page - NICHIA CORPORATION

Part # NEPE510JS
Description  SPECIFICATIONS FOR BLUISH-GREEN LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NEPE510JS Datasheet(HTML) 5 Page - NICHIA CORPORATION

  NEPE510JS Datasheet HTML 1Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 2Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 3Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 4Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 5Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 6Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 7Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 8Page - NICHIA CORPORATION NEPE510JS Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NICHIA STS-DA1-2524A <Cat.No.120801>
4
OUTLINE DIMENSIONS
STS-DA7-3101
NEPE510JS
管理番号
No.
(単位 Unit: mm)
This product complies with RoHS Directive.
本製品は
RoHS
指令に適合しております
*
(単位 Unit: mm, 公差 Tolerance: ±0.2)
5.6
1
Anode
Cathode
8.3
7.3
(2)
12.1±0.5
28.6±1
1.5 MAX Not Soldered
項目
Item
樹脂材質
Resin Materials
リードフレーム材質
Lead Frame
Materials
質量
Weight
内容
Description
エポキシ樹脂
Epoxy Resin
+銀メッキ+鉛フリーはんだメッキ
Ag-plated and Lead-free Solder-plated Iron
0.28g(TYP)
ストッパー部詳細図
Lead Standoff
1
また
LED
。、
には鋭利な部分があります 特にリード部分は 人体を傷つける
、。
ことがありますので 取り扱いに際しては十分注意して下さい
タイバーを切り取った部分は鉄
が露出しております
*
The tie bar cut-end surface exhibits exposed iron base metal.
Care must be taken to handle the LEDs, as it may contain sharp parts
such as lead, and can cause injury.
*
はんだメッキ部に素地の著しい露出はないこととします
No noticeable exposure of base metal of the lead with a solder-dipped finish.


Similar Part No. - NEPE510JS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NEPE510AS NICHIA-NEPE510AS Datasheet
285Kb / 15P
   BLUISH-GREEN LED
NEPE510S NICHIA-NEPE510S Datasheet
292Kb / 15P
   BLUISH-GREEN LED
More results

Similar Description - NEPE510JS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NCSE119AT NICHIA-NCSE119AT Datasheet
333Kb / 17P
   SPECIFICATIONS FOR BLUISH-GREEN LED
logo
AAEON Technology
NSPE510DS AAEON-NSPE510DS Datasheet
480Kb / 15P
   SPECIFICATIONS FOR NICHIA BLUISH-GREEN LED
logo
NICHIA CORPORATION
NSPE310S NICHIA-NSPE310S Datasheet
517Kb / 13P
   SPECIFICATIONS FOR NICHIA BLUISH-GREEN LED
logo
List of Unclassifed Man...
NSPE510 ETC-NSPE510 Datasheet
394Kb / 15P
   SPECIFICATIONS FOR NICHIA BLUISH GREEN LED
logo
AAEON Technology
NSPE510DS AAEON-NSPE510DS_15 Datasheet
480Kb / 15P
   SPECIFICATIONS FOR NICHIA BLUISH-GREEN LED
logo
NICHIA CORPORATION
NSPE800S NICHIA-NSPE800S Datasheet
259Kb / 15P
   BLUISH-GREEN LED
logo
Lucky Light Electronic
LL-304BGC4B-G3-3BD LUCKY-LIGHT-LL-304BGC4B-G3-3BD Datasheet
133Kb / 7P
   Bluish Green LED
LL-484BGC1C-G3-3B LUCKY-LIGHT-LL-484BGC1C-G3-3B_15 Datasheet
135Kb / 7P
   Bluish Green LED
LL-304BGC2L-G3-3B LUCKY-LIGHT-LL-304BGC2L-G3-3B_15 Datasheet
135Kb / 7P
   Bluish Green LED
LL-484BGC1C-G3-3F LUCKY-LIGHT-LL-484BGC1C-G3-3F Datasheet
135Kb / 7P
   Bluish Green LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com