Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT24C08A-USR-B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # FT24C08A-USR-B
Description  Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT24C08A-USR-B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FT24C08A-USR-B Datasheet HTML 6Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 7Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 8Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 9Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 10Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 11Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 12Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 13Page - List of Unclassifed Manufacturers FT24C08A-USR-B Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
24C04A, 24C08A, 24C16A
ORDER CODE:
FT24CXXA – XXX - X
Temperature Range
Package
D: DIP
S: SOP
M: MSOP
T: TSSOP
Option
G: Green Package RoHS Compliant
R: RoHS Compliant
Packaging
B: Tube
T: Tape and Reel
N: DFN
L: SOT23
U: -40 to 85 oC
P: TSOT23
ORDER INFORMATION
Order code
Vcc
Temperature
Range
Package
Option
Packaging
FT24C04A-UDG-B
Green Package
Tube
FT24C04A-UDR-B
DIP8
RoHS
Tube
FT24C04A-USG-B
Green Package
Tube
FT24C04A-USG-T
Green Package
T/R
FT24C04A-USR-B
RoHS
Tube
FT24C04A-USR-T
SOP8
RoHS
T/R
FT24C04A-UTG-B
Green Package
Tube
FT24C04A-UTG-T
Green Package
T/R
FT24C04A-UTR-B
RoHS
Tube
FT24C04A-UTR-T
TSSOP8
RoHS
T/R
FT24C04A-ULG-T
Green Package
T/R
FT24C04A-ULR-T
SOT23-5
RoHS
T/R
FT24C04A-UPG-T
Green Package
T/R
FT24C04A-UPR-T
1.8v-5.5v
-40-850C
TSOT23-5
RoHS
T/R
DS3001M-page10
© 2009 Fremont Micro Devices Inc.


Similar Part No. - FT24C08A-USR-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C08A-USR-B ETC2-FT24C08A-USR-B Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
More results

Similar Description - FT24C08A-USR-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C04A-ULR-T ETC2-FT24C04A-ULR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
logo
Hitachi Semiconductor
HN58X2402 HITACHI-HN58X2402 Datasheet
89Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM(8-kword x 8-bit)
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
ATMEL Corporation
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
logo
Renesas Technology Corp
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com