Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH12-50S-0.5SH Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FH12-50S-0.5SH
Description  0.5mm and 1mm Pitch Connectors For FPC/FFC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FH12-50S-0.5SH Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FH12-50S-0.5SH Datasheet HTML 1Page - List of Unclassifed Manufacturers FH12-50S-0.5SH Datasheet HTML 2Page - List of Unclassifed Manufacturers FH12-50S-0.5SH Datasheet HTML 3Page - List of Unclassifed Manufacturers FH12-50S-0.5SH Datasheet HTML 4Page - List of Unclassifed Manufacturers FH12-50S-0.5SH Datasheet HTML 5Page - List of Unclassifed Manufacturers FH12-50S-0.5SH Datasheet HTML 6Page - List of Unclassifed Manufacturers FH12-50S-0.5SH Datasheet HTML 7Page - List of Unclassifed Manufacturers FH12-50S-0.5SH Datasheet HTML 8Page - List of Unclassifed Manufacturers FH12-50S-0.5SH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
FH12 Seriesq0.5mm and 1mm Pitch Connectors For FPC/FFC
sSeries Configuration
FH12- ** S-0.5SH
Number of contacts 6, 8, 10, 11, 12, 13,
14, 15, 16, 17, 18, 19,
20, 22, 24, 25, 26, 28,
30, 32, 33, 34, 35, 36,
40, 45, 50, 53
FH12F- ** S-0.5SH
Number of contacts 6, 8, 10, 12, 13, 14, 15,
16, 18, 20, 22, 24, 25,
26, 28, 30, 32, 34, 36, 40
FH12S- ** S-0.5SH
Number of contacts 30, 40, 45, 50, 53
Standard
FH12- ** S-1SH
Eccentric
FH12- ** (**) SA-1SH
Standard
Number of contacts
5, 6, 7, 8, 9, 11,
12,16,17,22,26
Eccentric
Number of contacts
4, 6, 8, 10, 11,
14, 19, 24
FH12- ** S-1SV
Number of contacts
6, 7, 8, 16, 20, 22,
24
Pitch
0.5mm
1mm
Bottom Contact Type
Type with Strengthened Lock Lever
Type with 0.18mm FPC End Thickness
Top Contact Type
Vertical mounting Type
P.5
P.4
P.6
P.9
P.10
FH12- ** S-0.5SV
Number of contacts 10, 12, 13, 15, 16, 17,
18, 20, 22, 24, 26, 30,
32, 33, 34, 36, 40, 45,
49, 50, 60
P.8
FH12A- ** S-0.5SH
Number of contacts 10, 12 ,15, 16, 18, 20,
22, 24, 26, 28, 29, 30,
32, 33, 34, 36, 40, 42,
45, 50
P.7
FPC conductive
surface
FPC conductive surface
(bottom side)
FPC conductive surface
(bottom side)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH12-50S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12-50S-0.5SH HIROSE-FH12-50S-0.5SH Datasheet
481Kb / 10P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-50S-0.5SH HIROSE-FH12-50S-0.5SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-50S-0.5SH ETC2-FH12-50S-0.5SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-50S-0.5SH HIROSE-FH12-50S-0.5SH Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-50S-0.5SH55 HIROSE-FH12-50S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results

Similar Description - FH12-50S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-6S-0.5SH HIROSE-FH12-6S-0.5SH Datasheet
481Kb / 10P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH52 HIROSE-FH52 Datasheet
603Kb / 20P
   0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
List of Unclassifed Man...
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
   FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
logo
JST Mfg. Co., Ltd.
FWG JST-FWG Datasheet
251Kb / 4P
   0.5mm pitch/Disconnectable Crimp style connectors/Connector for FPC and FFC
logo
List of Unclassifed Man...
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com