Electronic Components Datasheet Search |
|
FH12-45S-0.5SH Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers |
|
FH12-45S-0.5SH Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers |
9 / 20 page 9 FH12 Seriesq0.5mm and 1mm Pitch Connectors For FPC/FFC Note 1: Embossed tape reel packaging (2,000 pieces/reel). Order by number of reels. Note 2: The 1mm version of FH12 is constructed by loading every other contact into the 0.5mm housing. When a housing designed for an odd number of 0.5mm pitch contacts is used; the spacing from the edge to the first contact on either side is the same as the distance between each contact, 1.0mm. Hirose considers this design to be a standard-type 1.0mm connector. An eccentric-type connector using a housing designed for an even number of 0.5mm pitch contacts and consequently one side has 1.5mm distance from the edge to the first contact. (See FPC/FFC dimensional drawing on page 19) The part number for the eccentric type describes the size of the 0.5mm housing used and lists the number of 1.0mm pitch contacts in parentheses () as shown in the above table. D E Unit:mm CL No. Part Number 586-0591-6-** 586-0607-4-** 586-0535-5-** 586-0579-0-** 586-0540-5-** 586-0668-9-** 586-0741-7-** 586-0536-8-** 586-0739-5-** 586-0547-4-** 586-0592-9-** 586-0537-0-** 586-0538-3-** 586-0539-6-** 586-0541-8-** 586-0542-0-** 586-0543-3-** 586-0546-1-** 586-0548-7-** FH12-5S-1SH(**) FH12-6S-1SH(**) FH12-7S-1SH(**) FH12-8S-1SH(**) FH12-9S-1SH(**) FH12-11S-1SH(**) FH12-12S-1SH(**) FH12-16S-1SH(**) FH12-17S-1SH(**) FH12-22S-1SH(**) FH12-26S-1SH(**) FH12-10(4)SA-1SH(**) FH12-14(6)SA-1SH(**) FH12-18(8)SA-1SH(**) FH12-22(10)SA-1SH(**) FH12-24(11)SA-1SH(**) FH12-30(14)SA-1SH(**) FH12-40(19)SA-1SH(**) FH12-50(24)SA-1SH(**) Number of Contacts 5 6 7 8 9 11 12 16 17 22 26 4 6 8 10 11 14 19 24 A B 4 5 6 7 8 10 11 15 16 21 25 3 5 7 9 10 13 18 23 8.6 9.6 10.6 11.6 12.6 14.6 15.6 19.6 20.6 25.6 29.6 8.1 10.1 12.1 14.1 15.1 18.1 23.1 28.1 C 9.6 10.6 11.6 12.6 13.6 15.6 16.6 20.6 21.6 26.6 30.6 9.1 11.1 13.1 15.1 16.1 19.1 24.1 29.1 6.07 7.07 8.07 9.07 10.07 12.07 13.07 17.07 18.07 23.07 27.07 5.57 7.57 9.57 11.57 12.57 15.57 20.57 25.57 2.3 2.3 2.3 2.3 2.3 2.3 2.3 2.3 2.3 2.3 2.3 2.8 2.8 2.8 2.8 2.8 2.8 2.8 2.8 s1mm Pitch Type Bottom Contact Type (0.2) (2.1) (3.1) (1.3) 2.3 E FPC/FFC Contact Surface D 1.0 A B C 5.6 4.6 Mated Cross-sectional Diagram Note 1 : The coplanarity of each terminal lead within specified dimension is 0.1 mm Max. Note 2 : Packaged on tape and reel only. Check packaging specification. Note 3 : Slight variations in color of the plastic compounds do not affect form, fit or function of the connector. Note 4 : After reflow, the terminal plating may change color, however this does not represent a quality issue. The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. |
Similar Part No. - FH12-45S-0.5SH |
|
Similar Description - FH12-45S-0.5SH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |