Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT23 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SOT23
Description  PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SOT23 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SOT23 Datasheet HTML 1Page - Fairchild Semiconductor SOT23 Datasheet HTML 2Page - Fairchild Semiconductor SOT23 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FMMTL717
1m
10
1m
100m
10
1m
100m
10
0.1
10
100m
1m
1m
100m
10
IC - Collector Current (A)
VCE(sat) v IC
0
0.5
IC/IB=10
IC/IB=20
IC/IB=50
+25°C
-55°C
+100°C
0
IC - Collector Current (A)
hFE v IC
+25°C
+100°C
-55°C
0
IC - Collector Current (A)
VBE(on) v IC
+100°C
+150°C
+25°C
0
IC - Collector Current (A)
VCE(sat) v IC
+100°C
+150°C
+25°C
0
IC - Collector Current (A)
VBE(sat) v IC
1s
100ms
DC
10m
VCE - Collector Emitter Voltage (V)
Safe Operating Area
10ms
1ms
100
µs
+150°C
VCE=2V
+25°C
-55°C
IC/IB=10
VCE=2V
-55°C
IC/IB=10
10m
100m
1
0.1
0.2
0.3
0.4
0.1
0.2
0.3
0.4
0.5
10m
1
10m
1
400
800
10m
1
0.4
0.8
1.2
10m
1
0.4
0.8
1.2
1.6
110
100
100m
1
10
TYPICAL CHARACTERISTICS


Similar Part No. - SOT23

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SOT23 STMICROELECTRONICS-SOT23 Datasheet
60Kb / 7P
   LOW VOLTAGE 4ohm SPDT SWITCH
logo
Zetex Semiconductors
SOT23 ZETEX-SOT23 Datasheet
199Kb / 1P
   Thermal Resistance and Derating Information
logo
Welwyn Components Limit...
SOT23 WELWYN-SOT23 Datasheet
86Kb / 2P
   Surface Mount Divider Network
logo
Zetex Semiconductors
SOT23 ZETEX-SOT23 Datasheet
167Kb / 3P
   Surface mounted, 3 pin package
logo
STMicroelectronics
SOT23 STMICROELECTRONICS-SOT23 Datasheet
16Kb / 1P
   OUTLINE AND MECHANICAL DATA
More results

Similar Description - SOT23

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT792A ZETEX-FZT792A Datasheet
76Kb / 3P
   PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
ZTX788B DIODES-ZTX788B Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT1147A ZETEX-FZT1147A Datasheet
93Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX792A ZETEX-ZTX792A Datasheet
61Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX795A ZETEX-ZTX795A Datasheet
60Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT788B KEXIN-FZT788B Datasheet
38Kb / 2P
   PNP Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
ZTX789A DIODES-ZTX789A Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX790A DIODES-ZTX790A Datasheet
71Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX718 DIODES-ZTX718_15 Datasheet
96Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX1147A DIODES-ZTX1147A_15 Datasheet
78Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Zetex Semiconductors
FZT1149A ZETEX-FZT1149A Datasheet
93Kb / 4P
   PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com