Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH12-8S-0.5SH Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # FH12-8S-0.5SH
Description  0.5mm and 1mm Pitch Connectors For FPC/FFC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FH12-8S-0.5SH Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FH12-8S-0.5SH Datasheet HTML 7Page - List of Unclassifed Manufacturers FH12-8S-0.5SH Datasheet HTML 8Page - List of Unclassifed Manufacturers FH12-8S-0.5SH Datasheet HTML 9Page - List of Unclassifed Manufacturers FH12-8S-0.5SH Datasheet HTML 10Page - List of Unclassifed Manufacturers FH12-8S-0.5SH Datasheet HTML 11Page - List of Unclassifed Manufacturers FH12-8S-0.5SH Datasheet HTML 12Page - List of Unclassifed Manufacturers FH12-8S-0.5SH Datasheet HTML 13Page - List of Unclassifed Manufacturers FH12-8S-0.5SH Datasheet HTML 14Page - List of Unclassifed Manufacturers FH12-8S-0.5SH Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
FH12 Seriesq0.5mm and 1mm Pitch Connectors For FPC/FFC
6
8
10
11
12
13
14
15
16
17
18
19
20
22
24
2.5
3.5
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.5
11.5
3.5
4.5
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.5
12.5
25
26
28
29
30
32
33
34
35
36
40
42
45
50
53
12.0
12.5
13.5
14.0
14.5
15.5
16.0
16.5
17.0
17.5
19.5
20.5
22.0
24.5
26.0
13.0
13.5
14.5
15.0
15.5
16.5
17.0
17.5
18.0
18.5
20.5
21.5
23.0
25.5
27.0
6
8
10
11
12
13
14
15
16
17
18
19
20
22
24
2.5
3.5
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.5
11.5
8.1
9.1
10.1
10.6
11.1
11.6
12.1
12.6
13.1
13.6
14.1
14.6
15.1
16.1
17.1
4.5
5.5
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.5
13.5
25
26
28
29
30
32
33
34
35
36
40
42
45
50
53
12.0
12.5
13.5
14.0
14.5
15.5
16.0
16.5
17.0
17.5
19.5
20.5
22.0
24.5
26.0
17.6
18.1
19.1
19.6
20.1
21.1
21.6
22.1
22.6
23.1
25.1
26.1
27.6
30.1
31.6
14.0
14.5
15.5
16.0
16.5
17.5
18.0
18.5
19.0
19.5
21.5
22.5
24.0
26.5
28.0
sRecommended FPC/FFC dimensions and Land/Metal Mask dimensions
q0.5mm Pitch Product
Dimension
Number
of Contacts
A
B
A
B
Dimension
Number
of Contacts
Unit: mm
Dimension
Number
of Contacts
A
B
C
Dimension
Number
of Contacts
A
B
C
Unit: mm
Land / Metal Mask dimensions
FPC/FFC dimensions
0.5mm Pitch
Bottom Contact
Type
0.5mm Pitch
Top Contact
Type
C
0.5±0.1
0.5±0.05
A±0.05
B±0.07
0.35±0.03(FPC)
0.3±0.03(FFC)
0.5±0.1
B±0.1
C±0.1
A±0.05
0.5±0.05
0.3±0.03(Land)
0.25±0.03(Metal mask)
Recommended metal mask thickness : 0.15mm
0.5mm Pitch
Vertical
Mounting Type
*Set the stiffener thickness to 0.188 (7.5mil) min.
0.8±0.1(Land)
0.65±0.05(Metal mask)
0.6±0.1(Land)
0.5±0.05(Metal mask)
0.5±0.1
0.5±0.05
0.3±0.05
A±0.05
B±0.07
0.35±0.03(FPC)
Recommended metal mask thickness : 0.15mm
Even contact number
Odd contact number
0.3±0.03(FFC)
0.5±0.1
0.5±0.05
1±0.05
1±0.05
1±0.05
A±0.1
B±0.05
0.8±0.1(Land)
0.65±0.05(Metal mask)
0.6±0.1(Land)
0.5±0.05(Metal mask)
0.5±0.05
1±0.05
1±0.05
1±0.05
A±0.1
No.1 contact
No.1 contact
B±0.05
10
12
13
15
16
17
18
20
22
24
04.5
05.5
06.0
07.0
07.5
08.0
08.5
09.5
10.5
11.5
05.5
06.5
07.0
08.0
08.5
09.0
09.5
10.5
11.5
12.5
26
30
32
33
34
36
40
45
49
50
60
12.5
14.5
15.5
16.0
16.5
17.5
19.5
22.0
24.0
24.5
29.5
13.5
15.5
16.5
17.0
17.5
18.5
20.5
23.0
25.0
25.5
30.5
Dimension
Number
of Contacts
A
B
A
B
Dimension
Number
of Contacts
Unit: mm
10
12
13
15
16
17
18
20
22
24
06.5
07.5
08.0
09.0
09.5
10.0
10.5
11.5
12.5
13.5
04.5
05.5
06.0
07.0
07.5
08.0
08.5
09.5
10.5
11.5
26
30
32
33
34
36
40
45
49
50
60
14.5
16.5
17.5
18.0
18.5
19.5
21.5
24.0
26.0
26.5
31.5
12.5
14.5
15.5
16.0
16.5
17.5
19.5
22.0
24.0
24.5
29.5
Dimension
Number
of Contacts
A
B
A
B
Dimension
Number
of Contacts
Unit: mm
Product Type
Types other than
those below
FH12F
C Dimension
0.3±0.05min
Stiffener thickness should be 0.188 mm (7.5 mil) min
0.18±0.05
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH12-8S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12-8S-0.5SH HIROSE-FH12-8S-0.5SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-8S-0.5SH ETC2-FH12-8S-0.5SH Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-8S-0.5SH55 HIROSE-FH12-8S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
More results

Similar Description - FH12-8S-0.5SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-33-S-0.5SH55 HIROSE-FH12-33-S-0.5SH55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
List of Unclassifed Man...
FH12-20S-05SV55 ETC2-FH12-20S-05SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
Hirose Electric
FH12-45S-0.5SV55 HIROSE-FH12-45S-0.5SV55 Datasheet
453Kb / 20P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH12-6S-0.5SH HIROSE-FH12-6S-0.5SH Datasheet
481Kb / 10P
   0.5mm and 1mm Pitch Connectors For FPC/FFC
FH52 HIROSE-FH52 Datasheet
603Kb / 20P
   0.5mm and 1mm Pitch, 2mm Height, FPC/FFC ZIF Connectors
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
   0.5mm pitch/Connectors for FFC and FPC
logo
List of Unclassifed Man...
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
   FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
logo
JST Mfg. Co., Ltd.
FWG JST-FWG Datasheet
251Kb / 4P
   0.5mm pitch/Disconnectable Crimp style connectors/Connector for FPC and FFC
logo
List of Unclassifed Man...
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com