Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A24110 Datasheet(PDF) 8 Page - Crydom Inc.,

Part # A24110
Description  Ratings from 10A to 125A @ 24-280 VAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

A24110 Datasheet(HTML) 8 Page - Crydom Inc.,

  A24110 Datasheet HTML 1Page - Crydom Inc., A24110 Datasheet HTML 2Page - Crydom Inc., A24110 Datasheet HTML 3Page - Crydom Inc., A24110 Datasheet HTML 4Page - Crydom Inc., A24110 Datasheet HTML 5Page - Crydom Inc., A24110 Datasheet HTML 6Page - Crydom Inc., A24110 Datasheet HTML 7Page - Crydom Inc., A24110 Datasheet HTML 8Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DataSheet
Panel Mount
ANNEX - ENVIROMENTAL INFORMATION
The environmental information disclosed in this annex including the EIP Pollution logo are in compliance with People’s Republic of China
Electronic Industry Standard SJ/T11364 – 2006, Marking for Control of Pollution Caused by Electronic Information Products.
Part
Name
Toxic or hazardous Substance and Elements
Lead
Mercury
Cadmium
Hexavalent
Polybrominated
Polybrominated
(Pb)
(Hg)
(Cd)
Chromium
(Cr (VI))
biphenyls
(PBB)
diphenyl ethers
(PBDE)
Semiconductor die
Solder
附件 - 环保信息
此附件所标示的包括电子信息产品污染图标的环保信息符合中华人民共和国电子行业标准 SJ/T11364 - 2006,
电子信息产品污染控制标识要求。
有毒有害物质或元素
名称
六价铬
多溴联苯
多溴二苯醚
(Pb)
(Hg)
(Cd)
(Cr (VI))
(PBB)
(PBDE)
半导体芯片
焊接点
50
Do not forget to visit us at: www.crydom.com
Copyright © 2013 Crydom Inc. Specifications subject to change without notice.


Similar Part No. - A24110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A24110 ETC2-A24110 Datasheet
81Kb / 2P
   120/240, 480 Vac / AC Output
logo
Crydom Inc.,
A24110 CRYDOM-A24110 Datasheet
748Kb / 5P
   SCR output for heavy industrial loads
A24110 CRYDOM-A24110 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
A24110 CRYDOM-A24110 Datasheet
822Kb / 6P
   panel mount
logo
List of Unclassifed Man...
A24110-10 ETC2-A24110-10 Datasheet
81Kb / 2P
   120/240, 480 Vac / AC Output
More results

Similar Description - A24110

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
D2450-B CRYDOM-D2450-B Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
A2450PG CRYDOM-A2450PG Datasheet
935Kb / 6P
   Crydoms signature family of solid-state relays. Ratings from 10A to 125A 24-280 VAC
EL240A5-05 CRYDOM-EL240A5-05 Datasheet
668Kb / 5P
   Ratings of 5A, 10A and 20A @ 24-280 VAC
HD4890-10 CRYDOM-HD4890-10 Datasheet
811Kb / 5P
   Ratings from 12A to 125A 48-530 VAC
HD4825-10 CRYDOM-HD4825-10 Datasheet
760Kb / 8P
   Ratings from 12A to 125A 48-530 VAC
SDV2415R CRYDOM-SDV2415R Datasheet
608Kb / 5P
   Ratings to 1.5A @ 280 VAC
H12WD4850PG CRYDOM-H12WD4850PG Datasheet
1Mb / 5P
   Ratings from 25A to 125A @ 48-660 V AC
logo
Teledyne Technologies I...
SH24D25 TELEDYNE-SH24D25 Datasheet
913Kb / 8P
   Output to 125A, 690 Vac
logo
Crydom Inc.,
UPD2415 CRYDOM-UPD2415 Datasheet
815Kb / 4P
   SIP SSR Single Channel Ratings of 15A and 25A @ 280 VAC
CL240D05 CRYDOM-CL240D05 Datasheet
673Kb / 5P
   Ratings of 5A and10A @ 24-280 VAC UL Approved, CE and RoHS Compliant AC or DC control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com