Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1629 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1629
Description  2-Wire Digital Thermometer and Real Time Clock
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1629 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1629 Datasheet HTML 1Page - Dallas Semiconductor DS1629 Datasheet HTML 2Page - Dallas Semiconductor DS1629 Datasheet HTML 3Page - Dallas Semiconductor DS1629 Datasheet HTML 4Page - Dallas Semiconductor DS1629 Datasheet HTML 5Page - Dallas Semiconductor DS1629 Datasheet HTML 6Page - Dallas Semiconductor DS1629 Datasheet HTML 7Page - Dallas Semiconductor DS1629 Datasheet HTML 8Page - Dallas Semiconductor DS1629 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
DS1629
4 of 22
102299
DS1629 FUNCTIONAL BLOCK DIAGRAM Figure 1
OPERATION-Measuring Temperature
The DS1629 measures temperature through the use of an on-chip temperature measurement technique
with an operating range from -55
°C to +125°C. The device can be configured to perform a single
conversion, store the result, and return to a standby mode or it can be programmed to convert
continuously. Regardless of the mode used, the last completed digital temperature conversion is retrieved
from the temperature register using the Read Temperature (AAh) protocol, as described in detail in the
“Command Set” section. Details on how to change the settings after power-up are contained in the
“OPERATION-Configuration” section.
The DS1629 measures temperature by counting the number of clock cycles that an oscillator with a low
temperature coefficient goes through during a gate period determined by a high temperature coefficient
oscillator. The counter is preset with a base count that corresponds to -55
°C. If the counter reaches 0
before the gate period is over, the temperature register, which is also preset to the -55
°C value, is
incremented, indicating that the temperature is higher than -55
°C.


Similar Part No. - DS1629

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1629 MAXIM-DS1629 Datasheet
496Kb / 23P
   2-Wire Digital Thermometer and Real-Time Clock
19-6849; Rev 11/13
DS1629S++ MAXIM-DS1629S+ Datasheet
496Kb / 23P
   2-Wire Digital Thermometer and Real-Time Clock
19-6849; Rev 11/13
DS1629S+T&R MAXIM-DS1629S+T&R Datasheet
496Kb / 23P
   2-Wire Digital Thermometer and Real-Time Clock
19-6849; Rev 11/13
More results

Similar Description - DS1629

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1629 MAXIM-DS1629 Datasheet
496Kb / 23P
   2-Wire Digital Thermometer and Real-Time Clock
19-6849; Rev 11/13
MAX31629 MAXIM-MAX31629 Datasheet
575Kb / 21P
   I2C Digital Thermometer and Real-Time Clock
Rev 1; 12/14
logo
Seiko Instruments Inc
S-35390A SII-S-35390A Datasheet
701Kb / 54P
   2-WIRE REAL-TIME CLOCK
S-35392A SII-S-35392A Datasheet
618Kb / 47P
   2-WIRE REAL-TIME CLOCK
S-35399A02 SII-S-35399A02 Datasheet
787Kb / 55P
   2-WIRE REAL-TIME CLOCK
S35399A03 SII-S35399A03 Datasheet
3Mb / 54P
   2-WIRE REAL-TIME CLOCK
S35391A SII-S35391A Datasheet
2Mb / 53P
   2-WIRE REAL-TIME CLOCK
S35392A SII-S35392A Datasheet
2Mb / 48P
   2-WIRE REAL-TIME CLOCK
logo
Feature Integration Tec...
F15353 FINTEK-F15353 Datasheet
1,004Kb / 38P
   2-wire Real-time Clock
logo
Seiko Instruments Inc
S-35399A03 SII-S-35399A03 Datasheet
571Kb / 51P
   2-WIRE REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com