Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM5103QP Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # EM5103QP
Description  3A Low Dropout LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

EM5103QP Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  EM5103QP Datasheet HTML 1Page - Cystech Electonics Corp. EM5103QP Datasheet HTML 2Page - Cystech Electonics Corp. EM5103QP Datasheet HTML 3Page - Cystech Electonics Corp. EM5103QP Datasheet HTML 4Page - Cystech Electonics Corp. EM5103QP Datasheet HTML 5Page - Cystech Electonics Corp. EM5103QP Datasheet HTML 6Page - Cystech Electonics Corp. EM5103QP Datasheet HTML 7Page - Cystech Electonics Corp. EM5103QP Datasheet HTML 8Page - Cystech Electonics Corp. EM5103QP Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C554QP
Issued Date : 2010.11.17
Revised Date :
Page No. : 1/12
EM5103
CYStek Product Specification
3A Low Dropout LDO
EM5103
General Description
EM5103 is a 3A low dropout linear regulator designed for low dropout and high current applications. This device
works with dual supplies, a control input for the control circuitry and a power input as low as 1.2V for providing
current to output.
It features 3A output current and ultra-low-drop output voltage as well as full protection functions.
VOUT can be as low as 0.8V.
Features
●VIN Range 1.2V to 5.5V
●300mV @ 3A Dropout Voltage
●VOUT is Adjustable (0.8V Min)
●OTP and OCP Functions
●Excellent Line Regulation
●Very Low On-Resistance
●Excellent Load Regulation
●Enable & Power good Signal
●3A Guaranteed Output Current*
*Check thermal design information.
Applications
Notebook & Netbook
Chipset Supplies
Graphic Cards & MB
Server System
Low Voltage Logic Supplies
SMPS Post Regulators
Ordering Information
Part Number
Package
EM5103QP
PSOP-8
(Pb-free lead plating package)
EM5103NA
DFN3×3-10L
(Pb-free lead plating package)
Pin Configuration
PSOP-8
DFN3×3-10L


Similar Part No. - EM5103QP

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
EM5103QP CYSTEKEC-EM5103QP Datasheet
756Kb / 12P
   3A Low Dropout LDO
EM5103QP CYSTEKEC-EM5103QP Datasheet
756Kb / 12P
   3A Low Dropout LDO
More results

Similar Description - EM5103QP

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
EM5103NA CYSTEKEC-EM5103NA Datasheet
756Kb / 12P
   3A Low Dropout LDO
EM5103 CYSTEKEC-EM5103 Datasheet
756Kb / 12P
   3A Low Dropout LDO
logo
Excelliance MOS Corp.
EM5106 EXCELLIANCE-EM5106 Datasheet
396Kb / 10P
   3A Low Dropout LDO
EM5107 EXCELLIANCE-EM5107 Datasheet
1Mb / 10P
   3A Low Dropout LDO
EM5103 EXCELLIANCE-EM5103 Datasheet
331Kb / 10P
   3A Low Dropout LDO
logo
List of Unclassifed Man...
L1085 ETC-L1085 Datasheet
78Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
Avic Technology
AV1085 AVICTEK-AV1085 Datasheet
108Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
L1085-3.3 ETC1-L1085-3.3 Datasheet
85Kb / 8P
   3A Fixed Low Dropout Linear Regulator (LDO)
logo
NIKO SEMICONDUCTOR CO.,...
L1085XG NIKOSEM-L1085XG Datasheet
137Kb / 8P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
AMC7586 ETC1-AMC7586 Datasheet
262Kb / 9P
   3A Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com