Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1616S Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1616S
Description  Temperature and Three Input MUX?셞d 8-bit Data Recorder
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1616S Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1616S Datasheet HTML 4Page - Dallas Semiconductor DS1616S Datasheet HTML 5Page - Dallas Semiconductor DS1616S Datasheet HTML 6Page - Dallas Semiconductor DS1616S Datasheet HTML 7Page - Dallas Semiconductor DS1616S Datasheet HTML 8Page - Dallas Semiconductor DS1616S Datasheet HTML 9Page - Dallas Semiconductor DS1616S Datasheet HTML 10Page - Dallas Semiconductor DS1616S Datasheet HTML 11Page - Dallas Semiconductor DS1616S Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
DS1616
8 of 29
DS1616 TEMPERATURE HISTOGRAM DATA BINS Figure 2d
Address
Register
800
-40°C Data Bin (LSB)
801
-40°C Data Bin (MSB)
802
-38°C Data Bin (LSB)
803
-38°C Data Bin (LSB)
804
87B
87C
82°C Data Bin (LSB)
87D
82°C Data Bin (MSB)
87E
84°C Data Bin (LSB)
87F
84°C Data Bin (MSB)
DS1616 ADC DATA HISTOGRAM DATA BINS Figure 2e
Address
Register
880
Channel 1 Code 00-03h Data Bin (LSB)
881
Channel 1 Code 00-03h Data Bin (MSB)
882
Channel 1 Code 04-07h Data Bin (LSB)
883
Channel 1 Code 04-07h Data Bin (MSB)
884
8FB
8FC
Channel 1 Code F8-FBh Data Bin (LSB)
8FD
Channel 1 Code F8-FBh Data Bin (MSB)
8FE
Channel 1 Code FC-FFh Data Bin (LSB)
8FF
Channel 1 Code FC-FFh Data Bin (MSB)
THERMAL SENSOR
The key to temperature monitoring in the DS1616 is an integrated thermal sensor. The thermal sensor
can measure temperature from -40
°C to +85°C in 0.5°C increments (Fahrenheit equivalent is -40°F to
+183.2
°F in 1.8°F increments). The thermal sensor provides an accuracy of ±2°C.
The thermal sensor is enabled by setting the CS0 bit of the Control 2 register to a logic 1. If the CS0 bit
is a logic 0, the thermal sensor will not be activated during a datalogging mission or for an individual
Read Data command. If CS0 = 0, the value in the Current Temperature register will be 11111111b.
The format of temperature data is defined such that the temperature value is maintained in a single byte of
data. Table 1 illustrates the format of the temperature data byte format. The values of T[7..0] range from
00000000b (for -40
°C) to 11111010b (for +85°C). Each increment in the value of T[7..0] represents an
increase in temperature of 0.5
°C. The following simple formula can be used to translate the temperature
data byte value into degrees Celsius:
°C = 0.5(T[7..0]) - 40


Similar Part No. - DS1616S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1616S MAXIM-DS1616S Datasheet
308Kb / 28P
   Temperature and Three-Input Muxed 8-Bit Data Recorder
081902
More results

Similar Description - DS1616S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1616 MAXIM-DS1616 Datasheet
308Kb / 28P
   Temperature and Three-Input Muxed 8-Bit Data Recorder
081902
DS1615 MAXIM-DS1615 Datasheet
323Kb / 24P
   Temperature Recorder
122800
logo
Dallas Semiconductor
DS1615 DALLAS-DS1615 Datasheet
199Kb / 24P
   Temperature Recorder
logo
Integrated Device Techn...
ICS552-02 IDT-ICS552-02 Datasheet
109Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER Industrial temperature
logo
Analog Devices
ADV7195 AD-ADV7195 Datasheet
556Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7195 AD-ADV7195_15 Datasheet
562Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7196A AD-ADV7196A Datasheet
501Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
logo
Extech Instruments Corp...
RH520 EXTECH-RH520 Datasheet
389Kb / 15P
   Humidity-Temperature Chart Recorder
logo
Holtek Semiconductor In...
HT83F22 HOLTEK-HT83F22 Datasheet
2Mb / 158P
   A/D Type Recorder 8-Bit Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com