Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA144WA3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # DTA144WA3
Description  PNP Digital Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTA144WA3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  DTA144WA3 Datasheet HTML 1Page - Cystech Electonics Corp. DTA144WA3 Datasheet HTML 2Page - Cystech Electonics Corp. DTA144WA3 Datasheet HTML 3Page - Cystech Electonics Corp. DTA144WA3 Datasheet HTML 4Page - Cystech Electonics Corp. DTA144WA3 Datasheet HTML 5Page - Cystech Electonics Corp. DTA144WA3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C276A3
Issued Date : 2009.09.22
Revised Date :
Page No. : 3/6
DTA144WA3
CYStek Product Specification
Characteristic Curves
Current Gain vs Output Current
1
10
100
1000
0.1
1
10
100
Output Current---IO(mA)
VO = 5V
Output Voltage vs Output Current
10
100
1000
10000
1
10
100
Output Current---IO(mA)
Input Voltage vs Output Current(ON characteristics)
1
10
0.1
1
10
Output Current---IO(mA)
VO = 0.3V
Output Current vs Input Voltage(OFF
characteristics)
0.01
0.1
1
10
01
2
34
5
Input Voltage---VI(OFF)(V)
VCC = 5V
Power Derating Curve
0
100
200
300
400
500
600
0
50
100
150
200
Ambient Temperature---TA(℃)


Similar Part No. - DTA144WA3

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA144WA ROHM-DTA144WA Datasheet
878Kb / 3P
   DTA/DTC SERIES
More results

Similar Description - DTA144WA3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DTA123Y SECOS-DTA123Y_15 Datasheet
557Kb / 2P
   PNP Digital Transistors
logo
Micro Commercial Compon...
DTA144ECA MCC-DTA144ECA_13 Datasheet
206Kb / 3P
   PNP Digital Transistors
logo
Guangdong Kexin Industr...
KTA143ZKA KEXIN-KTA143ZKA Datasheet
247Kb / 2P
   PNP Digital transistors
logo
Micro Commercial Compon...
DTA114EUA MCC-DTA114EUA_13 Datasheet
190Kb / 2P
   PNP Digital Transistors
DTA143ZUA MCC-DTA143ZUA_13 Datasheet
213Kb / 3P
   PNP Digital Transistors
DTA114ECA MCC-DTA114ECA_13 Datasheet
233Kb / 2P
   PNP Digital Transistors
DTA123JKA MCC-DTA123JKA Datasheet
1Mb / 2P
   PNP Digital Transistors
DTA143EKA MCC-DTA143EKA Datasheet
814Kb / 2P
   PNP Digital Transistors
DTA144EKA MCC-DTA144EKA Datasheet
828Kb / 2P
   PNP Digital Transistors
DTA144EUA MCC-DTA144EUA Datasheet
110Kb / 3P
   PNP Digital Transistors
logo
Shenzhen Jin Yu Semicon...
DTA114EE HTSEMI-DTA114EE Datasheet
348Kb / 2P
   Digital transistors (PNP)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com