Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA144EC3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # DTA144EC3
Description  General Purpose PNP Digital Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTA144EC3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  DTA144EC3 Datasheet HTML 1Page - Cystech Electonics Corp. DTA144EC3 Datasheet HTML 2Page - Cystech Electonics Corp. DTA144EC3 Datasheet HTML 3Page - Cystech Electonics Corp. DTA144EC3 Datasheet HTML 4Page - Cystech Electonics Corp. DTA144EC3 Datasheet HTML 5Page - Cystech Electonics Corp. DTA144EC3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C272C3
Issued Date : 2010.07.23
Revised Date :
Page No. : 1/6
DTA144EC3
CYStek Product Specification
General Purpose PNP Digital Transistors (Built-in Resistors)
DTA144EC3
Features
• Built-in bias resistors enable the configuration of an inverter circuit without connecting external input
resistors (see equivalent circuit).
• The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the
input. They also have the advantage of almost completely eliminating parasitic effects.
• Only the on/off conditions need to be set for operation, making device design easy.
• Complements the DTC144EC3
• Pb-free package
Equivalent Circuit
Outline
DTA144EC3
R1=47k
Ω , R2=47 kΩ
IN(B) : Base
OUT(C) : Collector
GND(E) : Emitter
SOT-523
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Supply Voltage
VCC
-50
V
Input Voltage
VIN
-40~+10
V
IO
-30
mA
Output Current
IO(max.)
-100
mA
Power Dissipation
Pd
150
mW
Thermal Resistance, Junction to Ambient
RθJA
833
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C


Similar Part No. - DTA144EC3

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTA144ECA JIANGSU-DTA144ECA Datasheet
120Kb / 2P
   Digital transistors (built-in resistors)
logo
Taiwan Semiconductor Co...
DTA144ECA TSC-DTA144ECA Datasheet
212Kb / 3P
   PNP Small Signal Transistor
logo
SeCoS Halbleitertechnol...
DTA144ECA SECOS-DTA144ECA Datasheet
526Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Taiwan Semiconductor Co...
DTA144ECA TSC-DTA144ECA Datasheet
820Kb / 5P
   PNP Small Signal Transistor
logo
Rectron Semiconductor
DTA144ECA RECTRON-DTA144ECA Datasheet
366Kb / 3P
   SOT-23 DIGITAL TRANSISTORS TRANSISTORS(PNP)
More results

Similar Description - DTA144EC3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTA144TN3 CYSTEKEC-DTA144TN3 Datasheet
141Kb / 3P
   General Purpose PNP Digital Transistors (Built-in Resistor)
DTA144TS3 CYSTEKEC-DTA144TS3 Datasheet
144Kb / 3P
   General Purpose PNP Digital Transistors (Built-in Resistors)
DTA144EN3 CYSTEKEC-DTA144EN3_09 Datasheet
257Kb / 6P
   General Purpose PNP Digital Transistors (Built-in Resistors)
DTA114TN3 CYSTEKEC-DTA114TN3 Datasheet
142Kb / 3P
   General Purpose PNP Digital Transistors (Built-in Resistor)
DTA144EN3 CYSTEKEC-DTA144EN3 Datasheet
148Kb / 4P
   General Purpose PNP Digital Transistors (Built-in Resistors)
DTA144ES3 CYSTEKEC-DTA144ES3_16 Datasheet
280Kb / 6P
   General Purpose PNP Digital Transistors (Built-in Resistors)
DTA114TS3 CYSTEKEC-DTA114TS3 Datasheet
147Kb / 3P
   General Purpose PNP Digital Transistors (Built-in Resistors)
DTA144ES3 CYSTEKEC-DTA144ES3 Datasheet
151Kb / 4P
   General Purpose PNP Digital Transistors (Built-in Resistors)
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com