Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1557WP-120 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1557WP-120
Description  4MEG NV Y2KC Timekeeping RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1557WP-120 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1557WP-120 Datasheet HTML 2Page - Dallas Semiconductor DS1557WP-120 Datasheet HTML 3Page - Dallas Semiconductor DS1557WP-120 Datasheet HTML 4Page - Dallas Semiconductor DS1557WP-120 Datasheet HTML 5Page - Dallas Semiconductor DS1557WP-120 Datasheet HTML 6Page - Dallas Semiconductor DS1557WP-120 Datasheet HTML 7Page - Dallas Semiconductor DS1557WP-120 Datasheet HTML 8Page - Dallas Semiconductor DS1557WP-120 Datasheet HTML 9Page - Dallas Semiconductor DS1557WP-120 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DS1557
6 of 19
SETTING THE CLOCK
The 8th bit, B7 of the Control Register is the write bit. Setting the write bit to a 1, like the read bit, halts
updates to the DS1557 (7FF8h-7FFFh) registers. After setting the write bit to a 1, RTC Registers can be
loaded with the desired RTC count (day, date, and time) in 24-hour BCD format. Setting the write bit to a
0 then transfers the values written to the internal RTC Registers and allows normal operation to resume.
CLOCK ACCURACY
The DS1557 and DS9034PCX are each individually tested for accuracy. Once mounted together, the
module is guaranteed to keep time accuracy to within
±1.53 minutes per month (35 ppm) at 25°C. The
DS1557 does not require additional calibration and, in most applications, temperature deviations will
have a negligible effect on accuracy. For this reason, methods of field clock calibration are not available
and not necessary. Attempts to calibrate the RTC that may be used with similar device types (M48T5x
family) will not have any effect even though the DS1557 appears to accept calibration data.
FREQUENCY TEST MODE
The DS1557 frequency test mode uses the open drain IRQ /FT output. With the oscillator running, the
IRQ
/FT output will toggle at 512 Hz when the FT bit is a 1, the Alarm Flag Enable bit (AE) is a 0, and
the Watchdog Steering bit (WDS) is a 1 or the Watchdog Register is reset (Register 7FF7h = 00h). The
IRQ
/FT output and the frequency test mode can be used as a measure of the actual frequency of the
32.768 kHz RTC oscillator. The IRQ /FT pin is an open drain output which requires a pullup resistor for
proper operation. The FT bit is cleared to a 0 on power-up.
USING THE CLOCK ALARM
The alarm settings and control for the DS1557 reside within Registers 7FF2h-7FF5h. Register 7FF6h
contains two alarm enable bits: Alarm Enable (AE) and Alarm in Backup Enable (ABE). The AE and
ABE bits must be set as described below for the IRQ /FT output to be activated for a matched alarm
condition.
The alarm can be programmed to activate on a specific day of the month or repeat every day, hour,
minute, or second. It can also be programmed to go off while the DS1557 is in the battery backed state of
operation to serve as a system wake-up. Alarm mask bits AM1-AM4 control the alarm mode. Table 3
shows the possible settings. Configurations not listed in the table default to the once per second mode to
notify the user of an incorrect alarm setting.


Similar Part No. - DS1557WP-120

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1557P/YP/WP MAXIM-DS1557P/YP/WP Datasheet
114Kb / 5P
   PowerCap with Crystal
Rev 10/10
More results

Similar Description - DS1557WP-120

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1554 DALLAS-DS1554 Datasheet
284Kb / 21P
   256K NV Y2KC Timekeeping RAM
DS1743 DALLAS-DS1743 Datasheet
247Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
DS1746 DALLAS-DS1746 Datasheet
224Kb / 18P
   Y2KC Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742_V01 Datasheet
365Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
19-6715; Rev 6/13
logo
Dallas Semiconductor
DS1742 DALLAS-DS1742 Datasheet
163Kb / 12P
   Y2KC Nonvolatile Timekeeping RAM
logo
ARTSCHIP ELECTRONICS CO...
DS1743 ARTSCHIP-DS1743 Datasheet
497Kb / 15P
   Y2KC Nonvolatile Timekeeping RAM
logo
Dallas Semiconductor
DS1543 DALLAS-DS1543 Datasheet
199Kb / 17P
   64k NV Timekeeping RAM
logo
Maxim Integrated Produc...
DS1742 MAXIM-DS1742 Datasheet
476Kb / 16P
   Y2KC Nonvolatile Timekeeping RAMwww.
REV: 102808
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com