Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DI4005SH Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # DI4005SH
Description  1A General Purpose Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DI4005SH Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  DI4005SH Datasheet HTML 1Page - Cystech Electonics Corp. DI4005SH Datasheet HTML 2Page - Cystech Electonics Corp. DI4005SH Datasheet HTML 3Page - Cystech Electonics Corp. DI4005SH Datasheet HTML 4Page - Cystech Electonics Corp. DI4005SH Datasheet HTML 5Page - Cystech Electonics Corp. DI4005SH Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C210SH
Issued Date : 2012.09.13
Revised Date :
Page No. : 3/6
DI4005SH
CYStek Product Specification
Typical Characteristics
Power Derating Curve
0
0.1
0.2
0.3
0.4
0.5
0.6
0
25
50
75
100
125
150
175
200
Ambient Temperature---TA(℃)
Forward Current vs Forward Voltage
1
10
100
1000
10000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Forward Voltage---VF(V)
Pulse width=300μs,
1% Duty cycle
0℃
125℃
-40°C
25°C
75°C
Reverse Leakage Current vs Reverse Voltage
0.01
0.1
1
10
100
1000
0
100
200
300
400
500
Reverse Voltage---VR(V)
Tj=75℃
Tj=25℃
Tj=125℃
Tj=-40°C
Tj=0°C
Junction Capacitance vs Reverse Voltage
1
10
0.1
1
10
100
Reverse Voltage---VR(V)
Tj=25℃, f=1.0MHz
Recommended Soldering Footprint


Similar Part No. - DI4005SH

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DI40 MICROCHIP-DI40 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
More results

Similar Description - DI4005SH

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1N4001S FRONTIER-1N4001S Datasheet
66Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
1N4001-LFR FRONTIER-1N4001-LFR Datasheet
130Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
EM513 FRONTIER-EM513 Datasheet
120Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
EM513-LFR FRONTIER-EM513-LFR Datasheet
120Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
GP10-005R FRONTIER-GP10-005R Datasheet
132Kb / 3P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
1N4001 FRONTIER-1N4001 Datasheet
130Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
1N4007 FRONTIER-1N4007 Datasheet
62Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
A005-LFR FRONTIER-A005-LFR Datasheet
131Kb / 2P
   1A MINIATURE GENERAL PURPOSE PLASTIC RECTIFIER
logo
Holtek Semiconductor In...
HT1117 HOLTEK-HT1117 Datasheet
105Kb / 10P
   1A General Purpose LDO
logo
Rohm
2SB1710 ROHM-2SB1710 Datasheet
77Kb / 3P
   General purpose amplification (-30V, -1A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com