Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1609 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1609
Description  Dual Port RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1609 Datasheet(HTML) 7 Page - Dallas Semiconductor

  DS1609 Datasheet HTML 1Page - Dallas Semiconductor DS1609 Datasheet HTML 2Page - Dallas Semiconductor DS1609 Datasheet HTML 3Page - Dallas Semiconductor DS1609 Datasheet HTML 4Page - Dallas Semiconductor DS1609 Datasheet HTML 5Page - Dallas Semiconductor DS1609 Datasheet HTML 6Page - Dallas Semiconductor DS1609 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DS1609
020499 7/7
NOTES:
1. All Voltages are referenced to ground.
2. All pins other than CE, WE, OE, VCC and ground are continuously driven by a feedback latch in order to hold the
inputs at one power supply rail or the other when an input is tristated. The minimum driving impedance presented
to any pin is 50K
Ω. If a pin is at a logic low level, this impedance will be pulling the pin to ground. If a pin is at a
logic high level, this impedance will be pulling the pin to VCC.
3. Standby current is measured with outputs open circuited.
4. ICCS1 is measured with all pins within 0.3V of VCC or GND and with CE at a logic high or logic low level.
5. ICCS2 is measured with all pins within 0.3V of VCC or ground and with CE within 0.3V of VCC.
6. ICCS3 is measured with all pins at VCC or ground potential and with CE = VCC. Note that if a pin is floating, the
internal feedback latches will pull all the pins to one power supply rail or the other.
7. Active current is measured with outputs open circuited, and inputs swinging full supply levels with one port reading
and one port writing at 100 ns cycle time. Active currents are a DC average with respect to the number of 0’s and
1’s being read or written.
8. Logic one voltages are specified at a source current of 1 mA.
9. Logic zero voltages are specified at a sink current of 4 mA.
10. Measured with a load as shown in Figure 3.
11. tWP is defined as the time from WE going low to the first of the rising edges of WE and CE.
12. Recovery time is the amount of time control signals must remain high between successive cycles.
13. Typical values are at 25
°C.
LOAD SCHEMATIC Figure 3
+5 VOLTS
30 pF
D.U.T.
1.1K
680


Similar Part No. - DS1609

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1609 MAXIM-DS1609 Datasheet
86Kb / 7P
   Dual Port RAM
020499
More results

Similar Description - DS1609

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1609 MAXIM-DS1609 Datasheet
86Kb / 7P
   Dual Port RAM
020499
logo
Cypress Semiconductor
CY7B141 CYPRESS-CY7B141 Datasheet
437Kb / 14P
   1Kx8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70T633 IDT-IDT70T633_17 Datasheet
251Kb / 27P
   ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132 Datasheet
339Kb / 18P
   2Kx8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V9389 IDT-IDT70V9389_18 Datasheet
251Kb / 19P
   SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C133 CYPRESS-CY7C133 Datasheet
506Kb / 13P
   2K x 16 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70T3339 IDT-IDT70T3339_18 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719 IDT-IDT70T3719_18 Datasheet
345Kb / 25P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3319 IDT-IDT70V3319_18 Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com