Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN16043 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN16043
Description  160MHz SAW Filter 22MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN16043 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN16043 Datasheet HTML 1Page - SIPAT Co,Ltd LBN16043 Datasheet HTML 2Page - SIPAT Co,Ltd LBN16043 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN16043
Rev. Date
2006-9-8
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
160MHz SAW Filter
22MHz Bandwidth
Part Number: LBN16043
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
159.92
160
160.08
Insertion Loss
dB
-
28.4
30
3 dB Bandwidth
MHz
22
22.08
-
30 dB Bandwidth
MHz
-
22.73
22.8
40 dB Bandwidth
MHz
-
22.84
23.2
50 dB Bandwidth
MHz
-
22.93
-
Passband Variation
dB
-
1
1.5
Absolute Delay
usec
-
3.6
4
Ultimate Rejection
dB
50
51
-
Material Temperature coefficient
KHz/°C
-13.12
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=33nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L1
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - LBN16043

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN16043 SIPAT-LBN16043 Datasheet
139Kb / 3P
   160MHz SAW Filter 22MHz Bandwidth
More results

Similar Description - LBN16043

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN16043 SIPAT-LBN16043 Datasheet
139Kb / 3P
   160MHz SAW Filter 22MHz Bandwidth
LBN12032 SIPAT-LBN12032 Datasheet
148Kb / 3P
   120MHz SAW Filter 22MHz Bandwidth
LBN34002 SIPAT-LBN34002 Datasheet
196Kb / 3P
   340MHz SAW Filter 22MHz Bandwidth
LBN11548 SIPAT-LBN11548 Datasheet
138Kb / 3P
   115MHz SAW Filter 22MHz Bandwidth
LBN12032 SIPAT-LBN12032 Datasheet
154Kb / 3P
   Hz SAW Filter 22MHz Bandwidth
LBN11548 SIPAT-LBN11548 Datasheet
144Kb / 3P
   115MHz SAW Filter 22MHz Bandwidth
LBN09603 SIPAT-LBN09603 Datasheet
147Kb / 3P
   96MHz SAW Filter 22MHz Bandwidth
LBN34002 SIPAT-LBN34002 Datasheet
196Kb / 3P
   340MHz SAW Filter 22MHz Bandwidth
LBN16003B SIPAT-LBN16003B Datasheet
137Kb / 3P
   160MHz SAW Filter 19.4MHz Bandwidth
LBT16010 SIPAT-LBT16010 Datasheet
276Kb / 3P
   160MHz SAW Filter 8.5MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com