Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN15904 Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # LBN15904
Description  159MHz SAW Filter 9.8MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN15904 Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  LBN15904 Datasheet HTML 1Page - SIPAT Co,Ltd LBN15904 Datasheet HTML 2Page - SIPAT Co,Ltd LBN15904 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBN15904
Rev. Date
2012-01-17
Ver.
1.0
Page
2/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
159MHz SAW Filter
9.8MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:LBN15904
Number:LBN15904
Number:LBN15904
Number:LBN15904
Matching Configuration
手动测试座
Source/Load
Source/Load
Source/Load
Source/Load Impedance=50
Impedance=50
Impedance=50
Impedance=50 ohm
ohm
ohm
ohm
Notes - Component values may change depending
on board layout.
Package Dimension
Pad
Pad
Pad
Pad Configuration
Configuration
Configuration
Configuration::::
Input
2
Output
6
Ground 1、3、4、5
Marking
Marking
Marking
Marking Configuration
Configuration
Configuration
Configuration::::
1) SIPAT: Manufacturer Name
2) 15904: Part Number
3) XXYY: Date(Year/month)
4) ZZ: Identified Code
Package:
Package:
Package:
Package: SMD5.0*5.0
SMD5.0*5.0
SMD5.0*5.0
SMD5.0*5.0
Unit:
Unit:
Unit:
Unit: mm
mm
mm
mm
1.20 0.15
0.60 0.10
1
2
3
6
5
7
8
4
5.00 0.15
1.35 0.25
1
2
3
6
7
5
8
4


Similar Part No. - LBN15904

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN15904 SIPAT-LBN15904 Datasheet
318Kb / 3P
   159MHz SAW Filter 9.8MHz Bandwidth
More results

Similar Description - LBN15904

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN15904 SIPAT-LBN15904 Datasheet
318Kb / 3P
   159MHz SAW Filter 9.8MHz Bandwidth
LBN70A58 SIPAT-LBN70A58 Datasheet
187Kb / 3P
   70MHz SAW Filter 9.8MHz Bandwidth
LBS15011 SIPAT-LBS15011 Datasheet
140Kb / 3P
   150MHz SAW Filter 9.8MHz Bandwidth
LBS15011 SIPAT-LBS15011 Datasheet
146Kb / 3P
   150MHz SAW Filter 9.8MHz Bandwidth
LBT14303 SIPAT-LBT14303 Datasheet
257Kb / 3P
   143.2MHz SAW Filter 9.8MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0647A TAI-SAW-TB0647A Datasheet
269Kb / 6P
   SAW Filter 159MHz 90 MHz BW (SMD 7횞5 mm)
logo
SIPAT Co,Ltd
LBN07091 SIPAT-LBN07091 Datasheet
264Kb / 3P
   70MHz SAW Filter 12.4MHz Bandwidth
LBN07095 SIPAT-LBN07095 Datasheet
276Kb / 3P
   70MHz SAW Filter 18.6MHz Bandwidth
LBN07097 SIPAT-LBN07097 Datasheet
158Kb / 3P
   70MHz SAW Filter 13.35MHz Bandwidth
LBT13005 SIPAT-LBT13005 Datasheet
286Kb / 3P
   130MHz SAW Filter 4.4MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com