Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS9034PCX Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS9034PCX
Description  RAMified Watchdog Timekeeper
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9034PCX Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS9034PCX Datasheet HTML 7Page - Dallas Semiconductor DS9034PCX Datasheet HTML 8Page - Dallas Semiconductor DS9034PCX Datasheet HTML 9Page - Dallas Semiconductor DS9034PCX Datasheet HTML 10Page - Dallas Semiconductor DS9034PCX Datasheet HTML 11Page - Dallas Semiconductor DS9034PCX Datasheet HTML 12Page - Dallas Semiconductor DS9034PCX Datasheet HTML 13Page - Dallas Semiconductor DS9034PCX Datasheet HTML 14Page - Dallas Semiconductor DS9034PCX Datasheet HTML 15Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DS1386/1386P
11 of 20
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +7.0V
Operating Temperature
0°C to 70°C
Storage Temperature
-40°C to +70°C
Soldering Temperature
See J-STD-020A Specification (See Note 14)
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.5
5.0
5.5
V
10
Input Logic 1
VIH
2.2
VCC+0.3
V
10
Input Logic 0
VIL
-0.3
+0.8
V
10
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; VCC = 5.0V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage Current
IIL
-1.0
+1.0
µA
Output Leakage Current
ILO
-1.0
+1.0
µA
I/O Leakage Current
ILIO
-1.0
+1.0
µA
Output Current @ 2.4V
IOH
-1.0
mA
Output Current @ 0.4V
IOL
2.1
mA
13
Standby Current CE =2.2V
ICCS1
3.0
7.0
mA
Standby Current CE =VCC-0.5
ICCS2
2.0
4.0
mA
Active Current
ICC
85
mA
Write Protection Voltage
VTP
4.0
4.25
4.5
V
CAPACITANCE
(tA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
715
pF
Output Capacitance
COUT
715
pF
Input/Output Capacitance
CI/O
715
pF


Similar Part No. - DS9034PCX

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9034PCX DALLAS-DS9034PCX Datasheet
284Kb / 21P
   256K NV Y2KC Timekeeping RAM
logo
Maxim Integrated Produc...
DS9034PCX MAXIM-DS9034PCX Datasheet
116Kb / 4P
   PowerCap with Crystal
19-5584; Rev 10/10
logo
Dallas Semiconductor
DS9034PCX DALLAS-DS9034PCX Datasheet
268Kb / 19P
   4MEG NV Y2KC Timekeeping RAM
DS9034PCX DALLAS-DS9034PCX Datasheet
247Kb / 17P
   Y2KC Nonvolatile Timekeeping RAM
DS9034PCX DALLAS-DS9034PCX Datasheet
187Kb / 11P
   Nonvolatile Timekeeping RAM
More results

Similar Description - DS9034PCX

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1486 DALLAS-DS1486 Datasheet
251Kb / 17P
   RAMified Watchdog Timekeeper
DS1286 DALLAS-DS1286 Datasheet
234Kb / 13P
   Watchdog Timekeeper
logo
ARTSCHIP ELECTRONICS CO...
DS1286 ARTSCHIP-DS1286 Datasheet
538Kb / 11P
   Watchdog Timekeeper
logo
Dallas Semiconductor
DS1284 DALLAS-DS1284 Datasheet
143Kb / 3P
   Watchdog Timekeeper Chip
DS1283 DALLAS-DS1283 Datasheet
55Kb / 5P
   Watchdog Timekeeper Chip
logo
Holtek Semiconductor In...
HT1380 HOLTEK-HT1380 Datasheet
183Kb / 10P
   Serial Timekeeper Chip
HT1381-8SOPLF HOLTEK-HT1381-8SOPLF Datasheet
172Kb / 10P
   Serial Timekeeper Chip
logo
STMicroelectronics
M48T212V STMICROELECTRONICS-M48T212V_07 Datasheet
312Kb / 35P
   3.3V TIMEKEEPER supervisor
logo
ARTSCHIP ELECTRONICS CO...
M48T08 ARTSCHIP-M48T08 Datasheet
7Mb / 27P
   TIMEKEEPER SRAM
logo
Dallas Semiconductor
DS1395 DALLAS-DS1395 Datasheet
193Kb / 19P
   RAMified Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com