Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSK1040J3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # CSK1040J3
Description  CSK1040J3 CYStek Product Specification
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CSK1040J3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  CSK1040J3 Datasheet HTML 1Page - Cystech Electonics Corp. CSK1040J3 Datasheet HTML 2Page - Cystech Electonics Corp. CSK1040J3 Datasheet HTML 3Page - Cystech Electonics Corp. CSK1040J3 Datasheet HTML 4Page - Cystech Electonics Corp. CSK1040J3 Datasheet HTML 5Page - Cystech Electonics Corp. CSK1040J3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C469J3
Issued Date : 2009.07.03
Revised Date :
Page No. : 3/6
CSK1040J3
CYStek Product Specification
Characteristic Curves
Forward Current Derating Curve
0
2
4
6
8
10
12
0
50
100
150
CaseTemperature---TC(℃)
Maximum Non-Repetitive Forward Surge Current
0
25
50
75
100
125
110
Number of Cycles at 60Hz
100
Tj=25℃, 8.3ms Single
Half Sine Wave
JEDEC method
Forward Current vs Forward Voltage
0.01
0.1
1
10
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
Forward Voltage---VF(V)
Tj=25℃, Pulse width=300μs,
1% Duty cycle
Reverse Leakage Current vs Reverse Voltage
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
Percent of Rated Peak Reverse Voltage---(%)
Tj=75℃
Tj=25°C


Similar Part No. - CSK1040J3

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
CSK-1120-101 CONTRINEX-CSK-1120-101 Datasheet
160Kb / 2P
   Kapazitiver N채herungsschalter
CSK-1120-103 CONTRINEX-CSK-1120-103 Datasheet
160Kb / 2P
   Kapazitiver N채herungsschalter
CSK-1120-111 CONTRINEX-CSK-1120-111 Datasheet
150Kb / 2P
   Kapazitiver N채herungsschalter
CSK-1120-201 CONTRINEX-CSK-1120-201 Datasheet
163Kb / 2P
   Kapazitiver N채herungsschalter
CSK-1120-203 CONTRINEX-CSK-1120-203 Datasheet
163Kb / 2P
   Kapazitiver N채herungsschalter
More results

Similar Description - CSK1040J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTA3513J3 CYSTEKEC-BTA3513J3 Datasheet
325Kb / 8P
   CYStek Product Specification
MTP4835J3 CYSTEKEC-MTP4835J3 Datasheet
291Kb / 9P
   MTP4835J3 CYStek Product Specification
SK24SA CYSTEKEC-SK24SA Datasheet
280Kb / 6P
   SK2XSA CYStek Product Specification
MTB60A06Q8 CYSTEKEC-MTB60A06Q8 Datasheet
313Kb / 9P
   MTB60A06Q8 CYStek Product Specification
MTDN9946Q8 CYSTEKEC-MTDN9946Q8 Datasheet
391Kb / 7P
   MTDN9946Q8 CYStek Product Specification
QDM3 CYSTEKEC-QDM3 Datasheet
244Kb / 6P
   QDM3 CYStek Product Specification
BTA2029Y3 CYSTEKEC-BTA2029Y3 Datasheet
306Kb / 7P
   BTA2029Y3 CYStek Product Specification
MTA17A02CDN6 CYSTEKEC-MTA17A02CDN6 Datasheet
357Kb / 9P
   MTA17A02CDN6 CYStek Product Specification
MTEB4N15J3 CYSTEKEC-MTEB4N15J3 Datasheet
318Kb / 9P
   MTEB4N15J3 CYStek Product Specification
MTEF1P15Q8 CYSTEKEC-MTEF1P15Q8 Datasheet
309Kb / 9P
   MTEF1P15Q8 CYStek Product Specification
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com