Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN15403 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN15403
Description  153.6MHz SAW Filter 20MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN15403 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN15403 Datasheet HTML 1Page - SIPAT Co,Ltd LBN15403 Datasheet HTML 2Page - SIPAT Co,Ltd LBN15403 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN15403
Rev. Date
2008-09-05
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
153.6MHz SAW Filter
20MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN15403
Features
For IF SAW filter
Single-ended operation
Ceramic Surface Mount Package
Small size
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
153.6
-
Insertion Loss
dB
-
11.2
12
1dB Bandwidth
MHz
20
22.35
-
Passband Variation(143.6163.6MHz)
dB
-
0.5
1
Phase Linearity(143.6163.6MHz)
deg
-
5
5
Group Delay Variation(143.6163.6MHz)
nsec
-
40
60
Absolute Delay
usec
-
0.59
-
Input/output return loss
dB
10
11
-
10105MHz
dB
50
56
-
200230MHz
dB
52
60
-
Ultimate Rejection
2301000MHz
dB
40
67
-
Material Temperature coefficient
KHz/°C
-14.44
Substrate Material
-
YZ LN
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
SMD7.0*5.0
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBN15403

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN15403 SIPAT-LBN15403 Datasheet
151Kb / 3P
   153.6MHz SAW Filter 20MHz Bandwidth
More results

Similar Description - LBN15403

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN15403 SIPAT-LBN15403 Datasheet
151Kb / 3P
   153.6MHz SAW Filter 20MHz Bandwidth
LBT15406 SIPAT-LBT15406 Datasheet
319Kb / 3P
   153.6MHz SAW Filter 0.05MHz Bandwidth
LBN15404 SIPAT-LBN15404 Datasheet
155Kb / 3P
   153.6MHz SAW Filter 25MHz Bandwidth
LBN15404 SIPAT-LBN15404 Datasheet
155Kb / 3P
   153.6MHz SAW Filter 25MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0574A TAI-SAW-TB0574A Datasheet
386Kb / 7P
   IF SAW Filter 153.6MHz(BW=20MHz) SMD 5.0X7.0mm
TB0772A TAI-SAW-TB0772A Datasheet
399Kb / 7P
   IF SAW Filter 153.6MHz(BW=20MHz) SMD 5.0X7.0mm
logo
SIPAT Co,Ltd
LBN11542 SIPAT-LBN11542 Datasheet
138Kb / 3P
   115MHz SAW Filter 20MHz Bandwidth
LBN16027 SIPAT-LBN16027 Datasheet
138Kb / 3P
   160MHz SAW Filter 20MHz Bandwidth
LBN140A14 SIPAT-LBN140A14 Datasheet
193Kb / 3P
   140MHz SAW Filter 20MHz Bandwidth
LBN16504 SIPAT-LBN16504 Datasheet
147Kb / 3P
   165MHz SAW Filter 20MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com