Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBN14074 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN14074
Description  140MHz SAW Filter 14.3MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN14074 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN14074 Datasheet HTML 1Page - SIPAT Co,Ltd LBN14074 Datasheet HTML 2Page - SIPAT Co,Ltd LBN14074 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN14074
Rev. Date
2005-8-29
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz SAW Filter
14.3MHz Bandwidth
Part Number: LBN14074
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
139.9
140
140.1
Insertion Loss
dB
-
24
26
1.5 dB Bandwidth
MHz
14.6
14.8
-
3 dB Bandwidth
MHz
-
14.94
-
20 dB Bandwidth
MHz
-
15.5
15.6
30 dB Bandwidth
MHz
-
15.71
-
40 dB Bandwidth
MHz
-
15.76
16.8
Passband Variation
dB
-
1.1
1.5
Absolute Delay
usec
-
3.23
-
Ultimate Rejection
dB
50
54
-
Material Temperature coefficient
KHz/°C
-13.16
Ambient Temperature
°C
25
Package Size
DIP2712
(27.0x12.8x4.7mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBN14074

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN14074 SIPAT-LBN14074 Datasheet
140Kb / 3P
   140MHz SAW Filter 14.3MHz Bandwidth
More results

Similar Description - LBN14074

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN14074 SIPAT-LBN14074 Datasheet
140Kb / 3P
   140MHz SAW Filter 14.3MHz Bandwidth
LBN26004 SIPAT-LBN26004 Datasheet
320Kb / 3P
   260MHz SAW Filter 14.3MHz Bandwidth
LBN16029 SIPAT-LBN16029 Datasheet
147Kb / 3P
   160MHz SAW Filter 14.3MHz Bandwidth
LBT26005 SIPAT-LBT26005 Datasheet
322Kb / 3P
   260MHz SAW Filter 14.3MHz Bandwidth
LBN16029 SIPAT-LBN16029 Datasheet
141Kb / 3P
   160MHz SAW Filter 14.3MHz Bandwidth
LBT14066 SIPAT-LBT14066 Datasheet
269Kb / 3P
   140MHz SAW Filter 14.4MHz Bandwidth
LB140DS13 SIPAT-LB140DS13 Datasheet
271Kb / 3P
   140MHz SAW Filter 16MHz Bandwidth
LB140DS15 SIPAT-LB140DS15 Datasheet
146Kb / 3P
   140MHz SAW Filter 20MHz Bandwidth
LB140DS17 SIPAT-LB140DS17 Datasheet
155Kb / 3P
   140MHz SAW Filter 24MHz Bandwidth
LB140DS51 SIPAT-LB140DS51 Datasheet
319Kb / 3P
   140MHz SAW Filter 23.9MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com