Electronic Components Datasheet Search |
|
51067-0700 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
51067-0700 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 04/15/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 51067-0700 Status: Active Description: 3.50mm Pitch Wire-to-Wire and Wire-to-Board Housing, Positive Lock, 7 Circuits Documents: 3D Model Product Specification PS-51067-008 (PDF) Drawing (PDF) Product Specification PS-51067-016 (PDF) Product Specification PS-51067-001 (PDF) Product Specification PS-51067-017 (PDF) Product Specification PS-51067-002 (PDF) Product Specification PS-51067-018 (PDF) Product Specification PS-51067-003 (PDF) Product Specification PS-51067-019 (PDF) Product Specification PS-51067-004 (PDF) Product Specification PS-51067-021 (PDF) Product Specification PS-51067-005 (PDF) Product Specification PS-51067-022 (PDF) Product Specification PS-51067-006 (PDF) RoHS Certificate of Compliance (PDF) Product Specification PS-51067-007 (PDF) Agency Certification CSA LR19980 TUV R72081037 UL E29179 General Product Family Crimp Housings Series 51067 Application Power, Wire-to-Board, Wire-to-Wire Product Name N/A UPC 800754363402 Physical Circuits (maximum) 7 Color - Resin Natural Flammability 94V-0 Gender Female Glow-Wire Compliant No Material - Resin Polyester Net Weight 1423.100/mg Number of Rows 1 Packaging Type Bag Panel Mount No Pitch - Mating Interface 3.50mm Stackable No Temperature Range - Operating -40°C to +105°C Material Info Reference - Drawing Numbers Product Specification PS-51067-001, PS-51067-002, PS-51067-003, PS-51067-004, PS-51067-005, PS-51067-006, PS-51067-007, PS-51067-008, PS-51067-016, PS-51067-017, PS-51067-018, PS-51067-019, PS-51067-021, PS-51067-022, RPS-51067-001, RPS-51067-002, RPS-51067-003, RPS-51067-006, RPS-51067-007, RPS-51067-008, RPS-51067-014, RPS-51067-019, RPS-51067-020, RPS-51067-021, RPS-51067-022, RPS-51067-024, RPS-51067-025, RPS-51067-027, RPS-51067-028, RPS-51067-029, RPS-51067-030, RPS-51067-034, RPS-51067-035, RPS-51067-036, RPS-51067-037, RPS-51067-041 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Low-Halogen Status Not Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 51067Series Mates With 51114 , 53258 , 53259 , 53265 , 53266 Use With 50217 Crimp Terminals |
Similar Part No. - 51067-0700 |
|
Similar Description - 51067-0700 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |