Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4820 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4820
Description  Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4820 Datasheet(HTML) 2 Page - Texas Instruments

  OPA4820 Datasheet HTML 1Page - Texas Instruments OPA4820 Datasheet HTML 2Page - Texas Instruments OPA4820 Datasheet HTML 3Page - Texas Instruments OPA4820 Datasheet HTML 4Page - Texas Instruments OPA4820 Datasheet HTML 5Page - Texas Instruments OPA4820 Datasheet HTML 6Page - Texas Instruments OPA4820 Datasheet HTML 7Page - Texas Instruments OPA4820 Datasheet HTML 8Page - Texas Instruments OPA4820 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
OPA4820
SBOS317D − SEPTEMBER 2004 − REVISED AUGUST 2008
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply
±6.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Internal Power Dissipation
See Thermal Characteristics
. . . . . . . . .
Differential Input Voltage
±1.2V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Common-Mode Voltage Range
±VS
. . . . . . . . . . . . . . . . . . . .
Storage Temperature Range
−65
°C to +125°C
. . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)
+300
°C
. . . . . . . . . . . . . . . . . . . .
Junction Temperature (TJ)
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD Rating:
Human Body Model (HBM)
2000V
. . . . . . . . . . . . . . . . . . . . . . .
Charge Device Model (CDM)
1000V
. . . . . . . . . . . . . . . . . . . . .
Machine Model (MM)
200V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT MEDIA,
QUANTITY
OPA4820
SO-14
D
−45
°C to +85°C
OPA4820
OPA4820ID
Rails, 58
OPA4820
OPA4820IDR
Tape and Reel, 2500
OPA4820
TSSOP-14
PW
−45
°C to +85°C
OPA4820
OPA4820IPWT
Tape and Reel, 250
OPA4820
OPA4820IPWR
Tape and Reel, 2500
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet or see the
TI website at www.ti.com.
PIN CONFIGURATION
TOP VIEW
SO, TSSOP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Output D
−Input D
+Input D
−V
+Input C
−Input C
Output C
Output A
−Input A
+Input A
+V
+Input B
−Input B
Output B
AD
BC
OPA4820


Similar Part No. - OPA4820

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4820 BURR-BROWN-OPA4820 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA4820 BURR-BROWN-OPA4820 Datasheet
609Kb / 32P
   Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA4820 TI-OPA4820 Datasheet
1Mb / 45P
[Old version datasheet]   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA4820ID TI1-OPA4820ID Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
More results

Similar Description - OPA4820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI-OPA842 Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
THS4271 TI1-THS4271_16 Datasheet
1Mb / 50P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com