Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRL-5-D-D-2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SRL-5-D-D-2
Description  SRL LOCK SWITCHES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SRL-5-D-D-2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SRL-5-D-D-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SRL-5-D-D-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Lorlin Electronics Ltd, Harwood Industrial Estate, Harwood rd, Littlehampton, W. Sussex BN17 7At England
Tel (+44) 01903 725121 Fax (+44) 01903 726808 E-mail sales@lorlin.co.uk
2
DOUBLE POLE LOCK SWITCH
DOUBLE POLE LOCK SWITCH
OPTIONAL EXTRAS
SRL LOCK SWITCH ORDER CODE
Parallel Lock Head 60º Indexing
Tapered Lock Head 60º Indexing
Moulded Bezel for Parallel
Lock Headed Versions
SUPPLIED LOOSE: ORDERING CODE SRL 02101
S R L -5
BASIC
PART No.
TOTAL
MOVEMENT
INDEXING
KEY
WITHDRAWAL
POSITIONS
SWITCH
CONFIGURATION
SRL-5-J
60º
60º
1,3
SRL-5-K
60º
60º
1 ONLY
BASIC
PART No.
TOTAL
MOVEMENT
INDEXING
KEY
WITHDRAWAL
POSITIONS
SWITCH
CONFIGURATION
SRL-5-L
60º
60º
1,3
SRL-5-M
60º
60º
1 ONLY
SRL LOCK SWITCHES
STYLE A-T
KEYS:
S = Same key number (901)
D = Differs (200 differs available)
NUMBER OF
KEYS
(2 Is Standard)
Key Withdrawal
Positions
Key Withdrawal
Positions


Similar Part No. - SRL-5-D-D-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SRL-5-D-S-2 ETC2-SRL-5-D-S-2 Datasheet
173Kb / 2P
   MECHANICAL SPECIFICATION
More results

Similar Description - SRL-5-D-D-2

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
SRL LORLIN-SRL Datasheet
744Kb / 2P
   SRL LOCK SWITCH
logo
MicroPower Direct, LLC
SRL-05A MPD-SRL-05A Datasheet
564Kb / 4P
   SRL-05A-XX SERIES
logo
List of Unclassifed Man...
8E1011-Z ETC2-8E1011-Z Datasheet
516Kb / 2P
   LEVER LOCK TOGGLE SWITCHES
logo
Schurter Inc.
0035.1261 SCHURTER-0035.1261 Datasheet
131Kb / 2P
   LED-Holder SRL (for T1 LED)
logo
List of Unclassifed Man...
SRL3303-12 ETC-SRL3303-12 Datasheet
75Kb / 4P
   DC/DC Switch Mode Regulator SRL 3,3...15 Watt DIL-24
Rev. F / 08.2002
logo
ATGBICS by Approved Tec...
AR-SFP-10G-SRL-C ATGBICS-AR-SFP-10G-SRL-C Datasheet
375Kb / 10P
   AR-SFP-10G-SRL Arista Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
logo
Honeywell Accelerometer...
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
logo
Elektron Components Ltd...
MP0025 BULGIN-MP0025 Datasheet
1Mb / 24P
   Switches
logo
Honeywell Accelerometer...
CSNX25 HONEYWELL-ACC-CSNX25 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
HIH-4010-001 HONEYWELL-ACC-HIH-4010-001 Datasheet
515Kb / 9P
   Manual Switches Sealed Toggle Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com