Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC-2210 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC-2210
Description  ROTARY CODED SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC-2210 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC-2210 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC-2210 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC-2210 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC-2210 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC-2210 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC-2210 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC-2210 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC-2210 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
A-148
■特 長 FEATURES
RoHS指令対応
金属バネによる明快なクリック感
● 3.9 mm厚と薄型で高密度実装が可能
● 金めっき接点による高信頼性
● B、Cドライバ対応
● 4-1端子配列
● RoHS compliant
● Fine click with metallic spring
● Low profile of 3.9 mm makes perfect for high density
board mounting applications
● Gold plated contact provides excellent reliability
● Cross and minus slot are available
● Terminal pin arrangement 4-1
名 称
Part name
インサートロータ
Insert rotor
クリックバネ
Metallic spring
ベース
Base
ハウジング
Housing
接点
Contact
“O”
リング
“O” ring
端子
Terminal pin
材 料
Material
燃焼性
Flammability
UL-94V-0
UL-94V-0
UL-94HB
UL-94V-0
PPS
(ポリフェニレンサルファイド)
Polyphenylenesulphide
シリコンゴム
Silicone rubber
PPS
(ポリフェニレンサルファイド)
Polyphenylenesulphide
銅合金、金めっき
Copper alloy, Gold-plated
ロータ:PA(ポリアミド)
Rotor : Polyamide
パターン:銅合金、金めっき
Pattern : Copper alloy, Gold-plated
ステンレス
Stainless (SUS 301)
■型式表示 PART NUMBER DESIGNATION
内部構造図 INTERNAL STRUCTURE
SC-1000 / 2000 series
S C - 1 0 1 0 T B
シリーズ名 Series name
コード Code format
1:リアルコード
(ロータ:黄色)
Real code (Rotor color Yellow)
3:コンプリメンタリコード
(ロータ:赤色) Complementary code (Rotor color Red)
ロータ形状 Shape of rotor
0:つまみ無し
(マイナス溝)Without knob (Minus slot)
1:つまみ付き With knob (with extended shaft)
2:つまみ無し
(プラス溝) Without knob (Cross slot)
端子形状 Shape of terminal
設定方向 Setting position
B:ガル・ウィング(上部設定型のみ)
Gull wing (Top setting type only)
空欄:スルーホールピン(キンク加工)
Blank : Through hole pin (Snap-in terminal pin)
包装形態 Form of packaging
T:テーピング(ガル・ウィングのみ)
Taping (Gull wing type only)
W:トレイ Tray packaging
空欄 Blank:ポリ袋 Bulk in plastic bag
0:上部設定型 Top setting
1:側部設定型 Side setting
ご注文に際しては、型式一覧表をご確認ください。
Please refer to the LIST OF PART NUMBERS when placing orders.
ポジション数 No. of positions
116ポジション
16 positions
210ポジション 10 positions
鉛フリー対応、薄型(3.9mm)
10mm角
スルーホールピン/SMD
ロータリコードスイッチ
SC-1000/2000
ROTARY CODED SWITCHES
1
3
6
5
7
4
2
RoHS 指令対応 RoHS compliant
Specifications are subject to change without notice.


Similar Part No. - SC-2210

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
SC-2210 COPAL-SC-2210 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-2210B COPAL-SC-2210B Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-2210TB COPAL-SC-2210TB Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-2210W COPAL-SC-2210W Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-2210WB COPAL-SC-2210WB Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
More results

Similar Description - SC-2210

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com