Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA102A220JAR Datasheet(PDF) 6 Page - AVX Corporation

Part # SA102A220JAR
Description  Axial Leads/SpinGuard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SA102A220JAR Datasheet(HTML) 6 Page - AVX Corporation

  SA102A220JAR Datasheet HTML 1Page - AVX Corporation SA102A220JAR Datasheet HTML 2Page - AVX Corporation SA102A220JAR Datasheet HTML 3Page - AVX Corporation SA102A220JAR Datasheet HTML 4Page - AVX Corporation SA102A220JAR Datasheet HTML 5Page - AVX Corporation SA102A220JAR Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
48
Axial Leads/Packaging
TAPE AND REEL
D1
D2
F
C
E
A
B
CLASS I / RS-296
A.
5mm ± 0.5mm
(.200" ± 0.020")
B*.
52.4mm ± 1.5mm
(2.063" ± 0.059")
C.
6.35mm ± 0.4mm
(0.250" ± 0.016")
D1-D2.
1.4mm
(0.055" MAX.)
E.
1.2mm
(0.047" MAX.)
F.
1.6mm
(0.063" MAX.)
G.
356mm
(14.00")
H.
76mm
(3.000")
I.
25.4mm
(1.000")
J.
84mm
(3.300")
K.
70mm
(2.750")
Leader Tape: 300mm min. (12")
Splicing: Tape Only
Missing Parts: 0.25% of component count max.-
No consecutive missing parts
K
J
H
I
G
Optional
Design
REEL QUANTITIES (MAX.) ‡
SA05
7,500 pcs.
MA10
5,000 pcs.
SA10
7,500 pcs.
MA20
5,000 pcs.
SA11
5,000 pcs.
MA30
3,000 pcs.
SA20
5,000 pcs.
MA40
3,000 pcs.
SA30
5,000 pcs.
MA50
950 pcs.
SA40
5,000 pcs.
MA60
650 pcs.
‡ 1000 pc. reels available for distribution pack only in ±1% and ±2%
tolerance.
* Standard Tape Spacing Shown. Also available in 26.0mm + 1.5mm,
– 0mm, (1.023 in. + .059 in. -0 in. ) for SpinGuards only. EIA Class I,
II and III tape spacings are available for molded axials. Tape spacing
for Class II is 63.5mm ± 1.5mm (2.50 in ± .059 in), and for Class III
73mm ± 1.5mm (2.87 in ± .059 in)
ADDITIONAL PACKAGING AVAILABLE
AMMO PACK
Tape
SA05, SA10
SA11
BOX SIZES (Nominal)
Spacing
SA20
SA30
SA40
LW
H
52.4mm ± 1.5mm
4,000 pcs.
2000
2,000 pcs.
255mm
73mm
93mm
(2.062" ± .059")
(10.039")
(2.874")
(3.661")
26.0mm + 1.5mm - 0mm
4,000 pcs.
*
2000
2,000 pcs.
*
255mm
48mm
113mm
(1.023" + .059" - 0")
(10.039")
(1.889")
(4.448")
*SpinGuard only
BULK PACK (MOLDED AXIALS ONLY)
MA10
MA20
MA30
100 pcs. (bag)
MA40
MA50
MA60
50 pcs. (bag)


Similar Part No. - SA102A220JAR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SA102A220JAR AVX-SA102A220JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA102A220JAR AVX-SA102A220JAR Datasheet
261Kb / 6P
   AVX SA Series Conformally Coated Axial Leaded MLC
SA102A220JAR AVX-SA102A220JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA102A220JAR AVX-SA102A220JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
More results

Similar Description - SA102A220JAR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SA115E334ZAA AVX-SA115E334ZAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
AA101C103K4R AVX-AA101C103K4R Datasheet
481Kb / 3P
   Axial Leads/SpinGuard
SA101A101JAR AVX-SA101A101JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C102JAR AVX-SA101C102JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101A471JAR AVX-SA101A471JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C472KAA AVX-SA101C472KAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA115C104KARC AVX-SA115C104KARC Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA111E104MAR AVX-SA111E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105C103MAR AVX-SA105C103MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105E104MAR AVX-SA105E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard짰
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com