Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT24C512A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FT24C512A
Description  Two-Wire Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT24C512A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FT24C512A Datasheet HTML 1Page - List of Unclassifed Manufacturers FT24C512A Datasheet HTML 2Page - List of Unclassifed Manufacturers FT24C512A Datasheet HTML 3Page - List of Unclassifed Manufacturers FT24C512A Datasheet HTML 4Page - List of Unclassifed Manufacturers FT24C512A Datasheet HTML 5Page - List of Unclassifed Manufacturers FT24C512A Datasheet HTML 6Page - List of Unclassifed Manufacturers FT24C512A Datasheet HTML 7Page - List of Unclassifed Manufacturers FT24C512A Datasheet HTML 8Page - List of Unclassifed Manufacturers FT24C512A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
FT24C512A
DEVICE ADDRESSING
The 2-wire serial bus protocol mandates an 8 bits device address word after a START bit condition to
invoke a valid read or write command. The first four most significant bits of the device address must be
1010, which is common to all serial EEPROM devices. The next three bits are device address bits. These
three device address bits (5
th, 6th and 7th) are to match with the external chip select/address pin states. If a
match is made, the EEPROM device outputs an ACKNOWLEDGE signal after the 8
th read/write bit,
otherwise the chip will go into STANDBY mode. However, matching may not be needed for some or all
device address bits (5
th, 6th and 7th) as noted below. The last or 8th bit is a read/write command bit. If the
8
th bit is at VIH then the chip goes into read mode. If a “0” is detected, the device enters programming
mode.
WRITE OPERATION
(A)
BYTE WRITE
A write operation requires two 8-bit data word address following the device address word and
ACKNOWLEDGE signal. Upon receipt of this address, the EEPROM will respond with a “0” and then
clock in the first 8-bit data word. Following receipt of the 8-bit data word, the EEPROM will again
output a “0”. The addressing device, such as a microcontroller, must terminate the write sequence
with a STOP condition. At this time the EEPROM enters into an internally-timed write cycle state. All
inputs are disabled during this write cycle and the EEPROM will not respond until the writing is
completed (figure 5).
(B)
PAGE WRITE
The 512K EEPROM are capable of 128-byte page write.
A page write is initiated the same way as a byte write, but the microcontroller does not send a STOP
condition after the first data word is clocked in. The microcontroller can transmit up to 127 more data
words after the EEPROM acknowledges receipt of the first data word. The EEPROM will respond
with a “0” after each data word is received. The microcontroller must terminate the page write
sequence with a STOP condition (see Figure 6).
The lower 7 bits of the data word address are internally incremented following the receipt of each data
word. The higher data word address bits are not incremented, retaining the memory page row
location. If more than 128 data words are transmitted to the EEPROM, the data word address will
“roll over” and the previous data will be overwritten.
(C)
ACKNOWLEDGE POLLING
ACKNOWLEDGE polling may be used to poll the programming status during a self-timed internal
programming. By issuing a valid read or write address command, the EEPROM will not acknowledge
at the 9
th clock cycle if the device is still in the self-timed programming mode. However, if the
programming completes and the chip has returned to the STANDBY mode, the device will return a
valid ACKNOWLEDGE signal at the 9
th clock cycle.
© 2009 Fremont Micro Devices Inc.
DS3009E-page
5


Similar Part No. - FT24C512A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C02A ETC2-FT24C02A Datasheet
303Kb / 20P
   The FT24C02A is 2048 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM.
FT24C02A-5DG-B ETC2-FT24C02A-5DG-B Datasheet
303Kb / 20P
   The FT24C02A is 2048 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM.
FT24C02A-5DR-B ETC2-FT24C02A-5DR-B Datasheet
303Kb / 20P
   The FT24C02A is 2048 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM.
FT24C02A-5LG-T ETC2-FT24C02A-5LG-T Datasheet
303Kb / 20P
   The FT24C02A is 2048 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM.
FT24C02A-5LR-T ETC2-FT24C02A-5LR-T Datasheet
303Kb / 20P
   The FT24C02A is 2048 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM.
More results

Similar Description - FT24C512A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com