Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP805 Datasheet(PDF) 8 Page - 3M Electronics

Part # DP805
Description  Acrylic Adhesives
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP805 Datasheet(HTML) 8 Page - 3M Electronics

  DP805 Datasheet HTML 1Page - 3M Electronics DP805 Datasheet HTML 2Page - 3M Electronics DP805 Datasheet HTML 3Page - 3M Electronics DP805 Datasheet HTML 4Page - 3M Electronics DP805 Datasheet HTML 5Page - 3M Electronics DP805 Datasheet HTML 6Page - 3M Electronics DP805 Datasheet HTML 7Page - 3M Electronics DP805 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
3MScotch-Weld
Acrylic Adhesives
DP805 DP820
Storage
Store product in cool, dry area where temperature is less than 80°F (27°C).
Refrigerated storage (40°F to 55°F [4°C to 13°C]), but not frozen, is recommended
to extend the shelf life of the products further.
Shelf Life
When stored in its original unopened cartridges at temperatures below 80°F (27°C),
3M™ Scotch-Weld™ Acrylic Adhesive DP805 has a shelf life of nine months from
the date of shipment from 3M. Within this time period, short term exposure (less than
two weeks) to temperatures greater than 80°F (27°C), but less than 120°F (49°C),
are acceptable.
When stored in its original unopened cartridges at temperatures below 80°F (27°C),
3M™ Scotch-Weld™ Acrylic Adhesive DP820 has a shelf life of six months from
the date of shipment from 3M. Within this time period, short term exposure (less than
two weeks) to temperatures greater than 80°F (27°C), but less than 120°F (49°C),
are acceptable.
If product handling does not meet these conditions then a visual inspection of the
product during dispensing is recommended. Any appearance of gels in the mixing
nozzle or abnormally high viscosity that makes adhesive delivery difficult indicates
that the product should not be used.
- 8 -
Refer to Product Label and Material Safety Data Sheet for health and safety information before using this
product. For additional health and safety information, call 1-800-364-3577 or (651) 737-6501.
Precautionary
Information
The technical information, recommendations and other statements contained in this document are
based upon tests or experience that 3M believes are reliable, but the accuracy or completeness of such
information is not guaranteed.
Technical Information
Unless an additional warranty is specifically stated on the applicable 3M product packaging or product
literature, 3M warrants that each 3M product meets the applicable 3M product specification at the time
3M ships the product. 3M MAKES NO OTHER WARRANTIES OR CONDITIONS, EXPRESS OR
IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OR CONDITION OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE OR ANY IMPLIED WARRANTY
OR CONDITION ARISING OUT OF A COURSE OF DEALING, CUSTOM OR USAGE OF TRADE.
If the 3M product does not conform to this warranty, then the sole and exclusive remedy is, at 3M’s
option, replacement of the 3M product or refund of the purchase price.
Warranty,
Limited Remedy,
and Disclaimer
Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M product,
whether direct, indirect, special, incidental or consequential, regardless of the legal theory asserted,
including warranty, contract, negligence or strict liability.
Limitation of Liability
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001: 2000 standards.
ISO 9001: 2000
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use
and performance of a 3M product in a particular application. Given the variety of factors that can affect
the use and performance of a 3M product, user is solely responsible for evaluating the 3M product and
determining whether it is fit for a particular purpose and suitable for user’s method of application.
Product Use
3M, Scotch-Weld and EPX are trademarks
of 3M Company.
Printed in U.S.A.
©3M 2009
78-6900-9676-9
(12/09)
Recycled Paper
40% pre-consumer
10% post-consumer
3
Industrial Adhesives and Tapes Division
3M Center, Building 225-3S-06
St. Paul, MN 55144-1000
800-362-3550 • 877-369-2923 (Fax)
www.3M.com/industrial


Similar Part No. - DP805

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DP8051 DCD-DP8051 Datasheet
247Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP8051 DCD-DP8051 Datasheet
132Kb / 9P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051CPU DCD-DP8051CPU Datasheet
243Kb / 10P
   Pipelined High Performance 8-bit Microcontroller
DP8051CPU DCD-DP8051CPU Datasheet
129Kb / 9P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
DP8051CPU DCD-DP8051CPU_03 Datasheet
129Kb / 9P
   Pipelined High Performance 8-bit Microcontroller ver 3.10
More results

Similar Description - DP805

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP8405NS 3M-DP8405NS Datasheet
141Kb / 7P
   Scotch-Weld??Acrylic Adhesives
DP810 3M-DP810 Datasheet
190Kb / 7P
   Scotch-Weld??Low Odor Acrylic Adhesives
DP8805NS 3M-DP8805NS Datasheet
144Kb / 7P
   Scotch-Weld??Low Odor Acrylic Adhesives
logo
Tyco Electronics
S1125-KIT-5 MACOM-S1125-KIT-5 Datasheet
96Kb / 8P
   Adhesives
logo
3M Electronics
DP100 3M-DP100 Datasheet
539Kb / 8P
   Epoxy Adhesives
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
3M Electronics
TL62-50 3M-TL62-50 Datasheet
21Kb / 4P
   Threadlocker Anaerobic Adhesives
logo
Roithner LaserTechnik G...
LC7 ROITHNER-LC7 Datasheet
60Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
GS-7020-2C ROITHNER-GS-7020-2C Datasheet
47Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
logo
3M Electronics
4224-NF 3M-4224-NF Datasheet
362Kb / 4P
   FastbondTM Pressure Sensitive Adhesives
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com