Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTH30N50P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTH30N50P
Description  N-Channel Enhancement Mode Avalanche Rated
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH30N50P Datasheet(HTML) 2 Page - IXYS Corporation

  IXTH30N50P Datasheet HTML 1Page - IXYS Corporation IXTH30N50P Datasheet HTML 2Page - IXYS Corporation IXTH30N50P Datasheet HTML 3Page - IXYS Corporation IXTH30N50P Datasheet HTML 4Page - IXYS Corporation IXTH30N50P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTH 30N50P IXTQ 30N50P IXTT 30N50P
IXTV 30N50P IXTV 30N50PS
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C, unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS= 20 V; ID = 0.5 ID25, pulse test
17
27
S
C
iss
4150
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
445
pF
C
rss
28
pF
t
d(on)
25
ns
t
r
V
GS = 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25
27
ns
t
d(off)
R
G = 5 Ω (External)
75
ns
t
f
21
ns
Q
g(on)
70
nC
Q
gs
V
GS= 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25
27
nC
Q
gd
22
nC
R
thJC
0.27
° C/W
R
thCS
(TO-247, TO-3P and PLUS220)
0.21
° C/W
Source-Drain Diode
Characteristic Values
(T
J = 25° C, unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS = 0 V
30
A
I
SM
Repetitive
90
A
V
SD
I
F = IS, VGS = 0 V,
1.5
V
Pulse test, t
≤300 µs, duty cycle d≤ 2 %
t
rr
I
F = 18 A, -di/dt = 100 A/µs
400
ns
Fig. 2. Extended Output Characteristics
@ 25
ºC
0
10
20
30
40
50
60
70
0
3
6
9
12
15
18
21
24
27
30
VD S - Volts
VGS = 10V
8V
7V
6V
Fig. 1. Output Characteristics
@ 25
ºC
0
3
6
9
12
15
18
21
24
27
30
01
2
345
67
VD S - Volts
VGS = 10V
8V
7V
6V
IXYS MOSFETs and IGBTs are covered by 4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405B2
6,759,692
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2


Similar Part No. - IXTH30N50P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH30N50P ISC-IXTH30N50P Datasheet
380Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH30N50P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
IXTU1R4N60P IXYS-IXTU1R4N60P Datasheet
157Kb / 4P
   N-Channel Enhancement Mode Avalanche Rated
IXTP08N100P IXYS-IXTP08N100P Datasheet
158Kb / 4P
   N-Channel Enhancement Mode Avalanche Rated
IXTA180N10T IXYS-IXTA180N10T Datasheet
160Kb / 2P
   N-Channel Enhancement Mode Avalanche Rated
IXTP2N100P IXYS-IXTP2N100P Datasheet
153Kb / 4P
   N-Channel Enhancement Mode Avalanche Rated
MMIX1T132N50P3 IXYS-MMIX1T132N50P3 Datasheet
273Kb / 7P
   N-Channel Enhancement Mode Avalanche Rated
IXTH96N25T IXYS-IXTH96N25T Datasheet
176Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXTH160N15T IXYS-IXTH160N15T Datasheet
130Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXTF200N10T IXYS-IXTF200N10T Datasheet
166Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXTL2X200N085T IXYS-IXTL2X200N085T Datasheet
71Kb / 2P
   N-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com