Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM78LXXA3-B-TB-G Datasheet(PDF) 7 Page - Cystech Electonics Corp.

Part # LM78LXXA3-B-TB-G
Description  Low Current Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM78LXXA3-B-TB-G Datasheet(HTML) 7 Page - Cystech Electonics Corp.

Back Button LM78LXXA3-B-TB-G Datasheet HTML 3Page - Cystech Electonics Corp. LM78LXXA3-B-TB-G Datasheet HTML 4Page - Cystech Electonics Corp. LM78LXXA3-B-TB-G Datasheet HTML 5Page - Cystech Electonics Corp. LM78LXXA3-B-TB-G Datasheet HTML 6Page - Cystech Electonics Corp. LM78LXXA3-B-TB-G Datasheet HTML 7Page - Cystech Electonics Corp. LM78LXXA3-B-TB-G Datasheet HTML 8Page - Cystech Electonics Corp. LM78LXXA3-B-TB-G Datasheet HTML 9Page - Cystech Electonics Corp. LM78LXXA3-B-TB-G Datasheet HTML 10Page - Cystech Electonics Corp. LM78LXXA3-B-TB-G Datasheet HTML 11Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CYStech Electronics Corp.
Spec. No. : C515A3
Issued Date : 2014.01.15
Revised Date :
Page No. : 7/14
LM78LXXA3/M3
CYStek Product Specification
LM78L24 (Vin=32V, Io=80mA, Tj=25
°C, Cin=0.33uF, Cout=0.1uF, unless otherwise noted) (Note 1)
Symbol
Parameter
Min
Typ
Max
Conditions
Units
A-rank(3%)
23.28
24
24.72
Vo
B-rank(5%)
Output Voltage
22.80
24
25.20
Vin=32V, Io=80mA,Tj=25
°C
27V
≤Vin≤38V, 1mA≤Io≤80mA
Vin=32V,1mA
≤Io≤140mA (Note 2)
V
-
95
480
26.5V
≤Vin≤39V
ΔVo
Line Regulation
-
78
400
29V
≤Vin≤39V
mV
-
41
240
1mA
≤Io≤200mA
ΔVo
Load Regulation
-
28
120
1mA
≤Io≤80mA
mV
IQ
Quiescent Current
-
3.6
6.5
Tj=25
°C, Vin=32V, Io=80mA
mA
-
-
1.5
28V
≤Vin≤39V
ΔIQ
Quiescent Current
Change
-
-
0.1
1mA
≤Io≤80mA
mA
Vn
Output Noise Voltage
-
97
-
10Hz
≤f≤100KHz
μV
ΔVin / ΔVout
Ripple Rejection
30
33
-
27.5V
≤Vin≤37.5V, f=120Hz
dB
ΔVo/ΔTj
Temperature Stability
-
-2.0
-
Io=5mA, 0
°C ≤Tj≤125°C
mV/℃
VD
Dropout Voltage
-
1.7
-
Io=80mA
V
Note : 1. The maximum steady state usable output current is dependent on input voltage, heat sinking, lead length of the package
and copper of PCB. The data above represent pulse test conditions with junction temperatures specified at the initial of
test.
2. Power dissipation<0.625W for TO-92, <0.5W for SOT-89.


Similar Part No. - LM78LXXA3-B-TB-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM78LXXA3-B-TB-G CYSTEKEC-LM78LXXA3-B-TB-G Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78LXXA3-B-TB-G CYSTEKEC-LM78LXXA3-B-TB-G Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78LXXA3-B-TB-G CYSTEKEC-LM78LXXA3-B-TB-G Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78LXXA3-B-TB-G CYSTEKEC-LM78LXXA3-B-TB-G Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78LXXA3-B-TB-G CYSTEKEC-LM78LXXA3-B-TB-G Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
More results

Similar Description - LM78LXXA3-B-TB-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM78LXXA3 CYSTEKEC-LM78LXXA3 Datasheet
354Kb / 9P
   Low Current Positive Voltage Regulator
logo
Cypress Semiconductor
PL78L08XM3 CYPRESS-PL78L08XM3 Datasheet
154Kb / 4P
   Low Current Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM78L09A3 CYSTEKEC-LM78L09A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
PL78L09XM3 CYSTEKEC-PL78L09XM3 Datasheet
153Kb / 4P
   Low Current Positive Voltage Regulator
LM78L05A3 CYSTEKEC-LM78L05A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L06A3 CYSTEKEC-LM78L06A3 Datasheet
501Kb / 14P
   Low Current Positive Voltage Regulator
LM78L09M3 CYSTEKEC-LM78L09M3 Datasheet
167Kb / 5P
   Low Current Positive Voltage Regulator
LM78L05AM3 CYSTEKEC-LM78L05AM3 Datasheet
126Kb / 5P
   Low Current Positive Voltage Regulator
LM78L08Q8 CYSTEKEC-LM78L08Q8 Datasheet
363Kb / 11P
   Low Current Positive Voltage Regulator
LM78L09XM3 CYSTEKEC-LM78L09XM3 Datasheet
122Kb / 5P
   Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com