Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1245AB Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1245AB
Description  1024k Nonvolatile SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1245AB Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1245AB Datasheet HTML 1Page - Dallas Semiconductor DS1245AB Datasheet HTML 2Page - Dallas Semiconductor DS1245AB Datasheet HTML 3Page - Dallas Semiconductor DS1245AB Datasheet HTML 4Page - Dallas Semiconductor DS1245AB Datasheet HTML 5Page - Dallas Semiconductor DS1245AB Datasheet HTML 6Page - Dallas Semiconductor DS1245AB Datasheet HTML 7Page - Dallas Semiconductor DS1245AB Datasheet HTML 8Page - Dallas Semiconductor DS1245AB Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DS1245Y/AB
3 of 12
PACKAGES
The DS1245 devices are available in two packages: 32-pin DIP and 34-pin PowerCap Module (PCM).
The 32-pin DIP integrates a lithium battery, an SRAM memory and a nonvolatile control function into a
single package with a JEDEC-standard 600-mil DIP pinout. The 34-pin PowerCap Module integrates
SRAM memory and nonvolatile control along with contacts for connection to the lithium battery in the
DS9034PC PowerCap. The PowerCap Module package design allows a DS1245 PCM device to be
surface mounted without subjecting its lithium backup battery to destructive high-temperature reflow
soldering. After a DS1245 PCM is reflow soldered, a DS9034PC PowerCap is snapped on top of the
PCM to form a complete Nonvolatile SRAM module. The DS9034PC is keyed to prevent improper
attachment. DS1245 PowerCap Modules and DS9034PC PowerCaps are ordered separately and shipped
in separate containers. See the DS9034PC data sheet for further information.
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +7.0V
Operating Temperature
0°C to 70°C, -40°C to +85°C for Ind parts
Storage Temperature
-40°C to +70°C, -40°C to +85°C for Ind parts
Soldering Temperature
260°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(tA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
DS1245AB Power Supply Voltage
VCC
4.75
5.0
5.25
V
DS1245Y Power Supply Voltage
VCC
4.5
5.0
5.5
V
Logic 1
VIH
2.2
VCC
V
Logic 0
VIL
0.0
0.8
V
DC ELECTRICAL
(VCC=5V
±=5% for DS1245AB)
CHARACTERISTICS
(tA: See Note 10) (VCC=5V
±=10% for DS1245Y)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage Current
IIL
-1.0
+1.0
µA
I/O Leakage Current CE
≥ V
IH
≤ V
CC
IIO
-1.0
+1.0
µA
Output Current @ 2.4V
IOH
-1.0
mA
Output Current @ 0.4V
IOL
2.0
mA
Standby Current CE =2.2V
ICCS1
5.0
10.0
mA
Standby Current CE =VCC-0.5V
ICCS2
3.0
5.0
mA
Operating Current
ICCO1
85
mA
Write Protection Voltage (DS1245AB)
VTP
4.50
4.62
4.75
V
Write Protection Voltage (DS1245Y)
VTP
4.25
4.37
4.5
V


Similar Part No. - DS1245AB

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1245AB DALLAS-DS1245AB Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245AB MAXIM-DS1245AB Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
19-5638; Rev 11/10
logo
List of Unclassifed Man...
DS1245AB-120 ETC2-DS1245AB-120 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Maxim Integrated Produc...
DS1245AB-70 MAXIM-DS1245AB-70 Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
Rev 11/10
DS1245AB-70++ MAXIM-DS1245AB-70+ Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
19-5638; Rev 11/10
More results

Similar Description - DS1245AB

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1245Y DALLAS-DS1245Y_10 Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245Y-70IND MAXIM-DS1245Y-70IND Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
Rev 11/10
DS1245AB MAXIM-DS1245AB Datasheet
229Kb / 10P
   1024k Nonvolatile SRAM
19-5638; Rev 11/10
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
Dallas Semiconductor
DS1245YL DALLAS-DS1245YL Datasheet
181Kb / 9P
   1024K Nonvolatile SRAM
DS1245W DALLAS-DS1245W Datasheet
218Kb / 11P
   3.3V 1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245W MAXIM-DS1245W Datasheet
229Kb / 10P
   3.3V 1024k Nonvolatile SRAM
19-5640; Rev 11/10
logo
ARTSCHIP ELECTRONICS CO...
DS1245W ARTSCHIP-DS1245W Datasheet
401Kb / 11P
   3.3V 1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1345Y MAXIM-DS1345Y Datasheet
220Kb / 12P
   1024k Nonvolatile SRAM with Battery Monitor
032904
DS1345YL MAXIM-DS1345YL Datasheet
387Kb / 9P
   1024K Nonvolatile SRAM with Battery Monitor
022598
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com